Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 19 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 19 Page - YAGEO Corporation

Back Button NP0201 Datasheet HTML 15Page - YAGEO Corporation NP0201 Datasheet HTML 16Page - YAGEO Corporation NP0201 Datasheet HTML 17Page - YAGEO Corporation NP0201 Datasheet HTML 18Page - YAGEO Corporation NP0201 Datasheet HTML 19Page - YAGEO Corporation NP0201 Datasheet HTML 20Page - YAGEO Corporation NP0201 Datasheet HTML 21Page - YAGEO Corporation NP0201 Datasheet HTML 22Page - YAGEO Corporation NP0201 Datasheet HTML 23Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
19
23
Product specification
SOLDERING RECOMMENDATION
Table 15
SOLDERING
METHOD
SIZE
0402
0603
0805
1206
≥ 1210
Reflow
≥ 0.1 µF
≥ 1.0 µF
≥ 2.2 µF
≥ 4.7 µF
Reflow only
Reflow/Wave
< 0.1 µF
< 1.0 µF
< 2.2 µF
< 4.7 µF
---
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Mounting
IEC 60384-
21/22
4.3
The capacitors may be mounted on printed-circuit boards or
ceramic substrates
No visible damage
Visual
Inspection
and
Dimension
Check
4.4
Any applicable method using × 10 magnification
In accordance with specification
Capacitance
4.5.1
Class 1:
f = 1 MHz for C ≤ 1 nF, measuring at voltage 1 Vrms at 20 °C
f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C
Class 2:
f = 1 KHz for C ≤ 10 µF, measuring at voltage 1 Vrms at 20 °C
Within specified tolerance
Dissipation
Factor (D.F.)
4.5.2
Class 1:
f = 1 MHz for C ≤ 1 nF , measuring at voltage 1 Vrms at 20 °C
f = 1 KHz for C > 1 nF, measuring at voltage 1 Vrms at 20 °C
Class 2:
f = 1 KHz for C ≤ 10 µF, measuring at voltage 1 Vrms at 20 °C
In accordance with specification
Insulation
Resistance
4.5.3
Ur ≤ 500 V: At Ur for 1 minute
Ur > 500 V: At 500 V for 1 minute
In accordance with specification
Temperature
Coefficient
4.6
Class 1:
Between minimum and maximum temperature
NP0: -55 °C to +125 °C
Normal Temperature: 20 °C
C/C:
Class 1:
NP0: ±30 ppm/°C
Temperature
Characteristic
Class 2:
Between minimum and maximum temperature
X7R: -55 °C to +125 °C
Normal Temperature: 20 °C
Class 2
X7R: ±15%
TESTS AND REQUIREMENTS
Table 16 Test procedures and requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com