Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 23 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 23 Page - YAGEO Corporation

Back Button NP0201 Datasheet HTML 15Page - YAGEO Corporation NP0201 Datasheet HTML 16Page - YAGEO Corporation NP0201 Datasheet HTML 17Page - YAGEO Corporation NP0201 Datasheet HTML 18Page - YAGEO Corporation NP0201 Datasheet HTML 19Page - YAGEO Corporation NP0201 Datasheet HTML 20Page - YAGEO Corporation NP0201 Datasheet HTML 21Page - YAGEO Corporation NP0201 Datasheet HTML 22Page - YAGEO Corporation NP0201 Datasheet HTML 23Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
23
23
Product specification
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 9
Feb 02, 2012
-
- Test method and procedure updated
Version 8
Apr 22, 2011
-
- NP0 0402 100V added
Version 7
Mar 01, 2011
-
- Dimension updated
Version 6
Sep 30, 2010
-
- Update the thickness of 0805 100V
Version 5
Sep 28, 2010
-
- Product range updated
- Thickness classes and packing quantity table updated
Version 4
Jun 17, 2010
-
- Update the dimension of 0805, 1206 and 1812
Version 3
Mar 25, 2010
-
- Product range update
Version 2
Mar 15, 2010
-
- Product range update
Version 1
Oct 30, 2009
-
- Change to dual brand datasheet that describe Mid-voltage NP0/X7R
series with RoHS compliant
- Replace the "100V to 630V" part of pdf files: UP-NP0X7R_MV_100-to-
500V_0, UY-NP0X7R_MV_100-to-500V_0, NP0_16V-to-100V_6,
NP0_50-to-500V_10, X7R_16-to-500V_9 and X7R_16V-to-100V_9
- Define global part number
- Description of "Halogen Free compliant" added
- Test method and procedure updated
Version 0
Sep 08, 2005
-
- New



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com