Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button NP0201 Datasheet HTML 7Page - YAGEO Corporation NP0201 Datasheet HTML 8Page - YAGEO Corporation NP0201 Datasheet HTML 9Page - YAGEO Corporation NP0201 Datasheet HTML 10Page - YAGEO Corporation NP0201 Datasheet HTML 11Page - YAGEO Corporation NP0201 Datasheet HTML 12Page - YAGEO Corporation NP0201 Datasheet HTML 13Page - YAGEO Corporation NP0201 Datasheet HTML 14Page - YAGEO Corporation NP0201 Datasheet HTML 15Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
11
23
Product specification
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 9 Sizes from 1808 to 1812 (continued)
CAP.
1808
1812
Last 2-digit of
12NC
100 V
200 V
250 V
500 V
630 V
100 V
200 V
250 V
500 V
630 V
100 pF
36
120 pF
37
150 pF
38
180 pF
39
220 pF
41
270 pF
42
330 pF
43
390 pF
44
470 pF
45
560 pF
46
680 pF
47
820 pF
48
1 nF
49
1.2 nF
51
1.5 nF
52
1.25±0.2
1.8 nF
53
2.2 nF
54
1.25±0.2
2.7 nF
55
1.25±0.2
1.6±0.2
3.3 nF
56
3.9 nF
57
4.7 nF
58
1.25±0.2
1.25±0.2
5.6 nF
59
1.25±0.2 1.25±0.2 1.25±0.2
1.25±0.2
6.8 nF
61
8.2 nF
62
10 nF
63
12 nF
64
15 nF
65
18 nF
66
22 nF
67
1.25±0.2
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com