Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 14 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 14 Page - YAGEO Corporation

Back Button NP0201 Datasheet HTML 10Page - YAGEO Corporation NP0201 Datasheet HTML 11Page - YAGEO Corporation NP0201 Datasheet HTML 12Page - YAGEO Corporation NP0201 Datasheet HTML 13Page - YAGEO Corporation NP0201 Datasheet HTML 14Page - YAGEO Corporation NP0201 Datasheet HTML 15Page - YAGEO Corporation NP0201 Datasheet HTML 16Page - YAGEO Corporation NP0201 Datasheet HTML 17Page - YAGEO Corporation NP0201 Datasheet HTML 18Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
14
23
Product specification
Table 12 Sizes from 1808 to 1812
CAPACITANCE RANGE & THICKNESS FOR X7R
CAP.
1808
1812
Last 2-digit of
12NC
100 V
200 V
250 V
500 V
100 V
200 V
250 V
500 V
630 V
100 pF
09
150 pF
12
220 pF
14
330 pF
16
470 pF
18
680 pF
21
1.0 nF
23
1.5 nF
25
2.2 nF
27
3.3 nF
29
4.7 nF
32
6.8 nF
34
10 nF
36
15 nF
38
22 nF
41
1.25±0.2
33 nF
43
0.85±0.1
0.85±0.1
1.6±0.2
47 nF
45
1.25±0.2
68 nF
47
0.85±0.1
1.25±0.2
100 nF
49
1.25±0.2
1.25±0.2
1.25±0.2
1.6±0.2
150 nF
52
1.25±0.2
1.25±0.2
220 nF
54
1.6±0.2
1.6±0.2
330 nF
56
1.25±0.2
2.0±0.2
2.0±0.2
470 nF
58
680 nF
61
1 µF
63
1.6±0.2
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com