Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 22 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 22 Page - YAGEO Corporation

Back Button NP0201 Datasheet HTML 15Page - YAGEO Corporation NP0201 Datasheet HTML 16Page - YAGEO Corporation NP0201 Datasheet HTML 17Page - YAGEO Corporation NP0201 Datasheet HTML 18Page - YAGEO Corporation NP0201 Datasheet HTML 19Page - YAGEO Corporation NP0201 Datasheet HTML 20Page - YAGEO Corporation NP0201 Datasheet HTML 21Page - YAGEO Corporation NP0201 Datasheet HTML 22Page - YAGEO Corporation NP0201 Datasheet HTML 23Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
22
23
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
No visual damage
Endurance
IEC 60384-
21/22
4.14
1.
Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ±1 hour at room temp
2.
Initial measure:
Spec: refer initial spec C, D, IR
3.
Endurance test:
Temperature: NP0/X7R: 125 °C
Specified stress voltage applied for 1,000 hours:
Applied 2.0 x Ur for general product
Applied 1.5 x Ur for high cap. Product
4.
High voltage series follows with below stress
condition:
Applied 2.0 x Ur for < 500 V series
Applied 1.3 x Ur for 500 V, 630 V series
Applied 1.2 x Ur for 1 KV, 2 KV, 3 KV series
5.
Recovery time: 24 ±2 hours
6.
Final measure: C, D, IR
P.S. If the capacitance value is less than the
minimum value permitted, then after the other
measurements have been made the capacitor shall
be precondition according to “IEC 60384 4.1” and
then the requirement shall be met.
∆C/C
Class1:
NP0: within ±2% or 1 pF, whichever is greater
Class2:
X7R: ±15%
D.F.
Class1:
NP0: ≤ 2 x specified value
Class2:
X7R: ≥ 25 V: ≤ 5%
Rins
Class1:
NP0: ≥ 4,000 MΩ or
Rins x Cr ≥ 40s whichever is less
Class2:
X7R: ≥ 1,000 MΩ or
Rins x Cr ≥ 50s whichever is less
Voltage Proof IEC 60384-1 4.6
Specified stress voltage applied for 1 minute
Ur ≤ 100 V: series applied 2.5 Ur
100 V < Ur ≤ 200 V series applied (1.5 Ur + 100)
200 V < Ur ≤ 500 V series applied (1.3 Ur + 100)
Ur > 500 V: 1.3 Ur
I: 7.5 mA
No breakdown or flashover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com