Electronic Components Datasheet Search
  English  ▼

X  

NP0201 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # NP0201
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

NP0201 Datasheet(HTML) 1 Page - YAGEO Corporation

  NP0201 Datasheet HTML 1Page - YAGEO Corporation NP0201 Datasheet HTML 2Page - YAGEO Corporation NP0201 Datasheet HTML 3Page - YAGEO Corporation NP0201 Datasheet HTML 4Page - YAGEO Corporation NP0201 Datasheet HTML 5Page - YAGEO Corporation NP0201 Datasheet HTML 6Page - YAGEO Corporation NP0201 Datasheet HTML 7Page - YAGEO Corporation NP0201 Datasheet HTML 8Page - YAGEO Corporation NP0201 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATA SHEET
SURFACE-MOUNT CERAMIC
MULTILAYER CAPACITORS
Mid-voltage
NP0/X7R
100 V TO 630 V
0.47 pF to 1 µF
RoHS compliant & Halogen Free


Similar Part No. - NP0201

ManufacturerPart #DatasheetDescription
logo
NEC
NP02WI NEC-NP02WI Datasheet
1Mb / 1P
INTERACTIVE EBEAM MODULE
More results

Similar Description - NP0201

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603JRNPO9BN820 YAGEO-CC0603JRNPO9BN820 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603JRNPO9BN681 YAGEO-CC0603JRNPO9BN681 Datasheet
946Kb / 14P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB472 YAGEO-CC0402KRX7R9BB472 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX5R8BB334 YAGEO-CC0603KRX5R8BB334 Datasheet
1Mb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB102 YAGEO-CC1206KRX7RABB102 Datasheet
469Kb / 23P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com