Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 207 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 207 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 203Page - Microchip Technology PIC16LF1824 Datasheet HTML 204Page - Microchip Technology PIC16LF1824 Datasheet HTML 205Page - Microchip Technology PIC16LF1824 Datasheet HTML 206Page - Microchip Technology PIC16LF1824 Datasheet HTML 207Page - Microchip Technology PIC16LF1824 Datasheet HTML 208Page - Microchip Technology PIC16LF1824 Datasheet HTML 209Page - Microchip Technology PIC16LF1824 Datasheet HTML 210Page - Microchip Technology PIC16LF1824 Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 440 page
background image
 2011-2013 Microchip Technology Inc.
Preliminary
DS40001453D-page 207
PIC16(L)F1847
24.2.5
COMPARE DURING SLEEP
The Compare mode is dependent upon the system
clock (FOSC) for proper operation. Since FOSC is shut
down during Sleep mode, the Compare mode will not
function properly during Sleep.
24.2.6
ALTERNATE PIN LOCATIONS
This module incorporates I/O pins that can be moved to
other locations with the use of the alternate pin function
registers, APFCON0 and APFCON1. To determine
which pins can be moved and what their default loca-
tions are upon a Reset, see Section 12.1 “Alternate
Pin Function” for more information.
TABLE 24-4:
SUMMARY OF REGISTERS ASSOCIATED WITH COMPARE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON0
RXDTSEL SDO1SEL
SS1SEL
P2BSEL
CCP2SEL
P1DSEL
P1CSEL
CCP1SEL
118
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
226
CCPR1L
Capture/Compare/PWM Register Low Byte (LSB)
204*
CCPR1H
Capture/Compare/PWM Register High Byte (MSB)
204*
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
170
CM1CON1
C1INTP
C1INTN
C1PCH<1:0>
—
—
C1NCH<1:0>
171
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
170
CM2CON1
C2INTP
C2INTN
C2PCH<1:0>
—
—
C2NCH<1:0>
171
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
226
CCPR2L
Capture/Compare/PWM Register Low Byte (LSB)
226
CCPR2H
Capture/Compare/PWM Register High Byte (MSB)
226
CCP3CON
—
—
DC3B<1:0>
CCP3M<3:0>
226
CCPR3L
Capture/Compare/PWM Register Low Byte (LSB)
226
CCPR3H
Capture/Compare/PWM Register High Byte (MSB)
226
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0)>
226
CCPR4L
Capture/Compare/PWM Register Low Byte (LSB)
226
CCPR4H
Capture/Compare/PWM Register High Byte (MSB)
226
INTCON
GIE
PEIE
TMR0IE
INTE
IOCE
TMR0IF
INTF
IOCF
88
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
89
PIE2
OSFIE
C2IE
C1IE
EEIE
BCL1IE
—
—
CCP2IE
90
PIE3
—
—
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—
91
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
93
PIR2
OSFIF
C2IF
C1IF
EEIF
BCL1IF
—
—
CCP2IF
94
PIR3
—
—
CCP4IF
CCP3IF
TMR6IF
—
TMR4IF
—
95
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON
185
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/DONE
T1GVAL
T1GSS<1:0>
186
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
177*
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
177*
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
120
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
126
Legend:
— = Unimplemented locations, read as ‘0’. Shaded cells are not used by Compare mode.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com