Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 22 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 22 Page - TDK Electronics

Back Button C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Page 21
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en
EIA CC2220 [C5750]
JB
X5R
X7R
1E
(25V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1H
(50V)
1E
(25V)
1C
(16V)
4,700,000
6,800,000
10,000,000
15,000,000
22,000,000
33,000,000
47,000,000
68,000,000
100,000,000
475
685
106
156
226
336
476
686
107
K: ± 10%
M: ± 20%
2.00 mm
2.30 mm
2.50 mm
2.80 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: JB(±10%), X5R (±15%), X7R (±15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Standard Thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com