Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 47 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 47 Page - TDK Electronics

Back Button C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
2.2 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1E222K030BA
C0603X6S1C222K030BA
± 20%
C0603X6S1E222M030BA
C0603X6S1C222M030BA
4.7 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1C472K030BA
± 20%
C0603X6S1C472M030BA
10 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1H103K050BB
± 20%
C1005X6S1H103M050BB
15 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1H153K050BB
± 20%
C1005X6S1H153M050BB
22 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1C223K030BC
± 20%
C0603X6S1C223M030BC
1005
0.50 ± 0.05
± 10%
C1005X6S1H223K050BB
± 20%
C1005X6S1H223M050BB
33 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1H333K050BB
± 20%
C1005X6S1H333M050BB
47 nF
0603
0.30 ± 0.03
± 10%
C0603X6S1C473K030BC
± 20%
C0603X6S1C473M030BC
1005
0.50 ± 0.05
± 10%
C1005X6S1H473K050BB
± 20%
C1005X6S1H473M050BB
68 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1H683K050BB
C1005X6S1V683K050BB
C1005X6S1E683K050BC
± 20%
C1005X6S1H683M050BB
C1005X6S1V683M050BB
C1005X6S1E683M050BC
100 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1H104K050BB
C1005X6S1V104K050BB
C1005X6S1E104K050BB
± 20%
C1005X6S1H104M050BB
C1005X6S1V104M050BB
C1005X6S1E104M050BB
150 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1E154K050BC
C1005X6S1C154K050BB
± 20%
C1005X6S1E154M050BC
C1005X6S1C154M050BB
1608
0.80 ± 0.10
± 10%
C1608X6S1H154K080AB
C1608X6S1V154K080AB
± 20%
C1608X6S1H154M080AB
C1608X6S1V154M080AB
220 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1E224K050BC
C1005X6S1C224K050BB
± 20%
C1005X6S1E224M050BC
C1005X6S1C224M050BB
1608
0.80 ± 0.10
± 10%
C1608X6S1H224K080AB
C1608X6S1V224K080AB
± 20%
C1608X6S1H224M080AB
C1608X6S1V224M080AB
330 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1C334K050BC
± 20%
C1005X6S1C334M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1H334K080AB
C1608X6S1V334K080AB
C1608X6S1E334K080AB
± 20%
C1608X6S1H334M080AB
C1608X6S1V334M080AB
C1608X6S1E334M080AB
470 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1C474K050BC
± 20%
C1005X6S1C474M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1H474K080AB
C1608X6S1V474K080AB
C1608X6S1E474K080AB
± 20%
C1608X6S1H474M080AB
C1608X6S1V474M080AB
C1608X6S1E474M080AB
2012
1.25 ± 0.20
± 10%
C2012X6S1H474K125AB
± 20%
C2012X6S1H474M125AB
680 nF
1005
0.50 ± 0.05
± 10%
C1005X6S1C684K050BC
± 20%
C1005X6S1C684M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1H684K080AC
C1608X6S1V684K080AB
C1608X6S1E684K080AB
C1608X6S1C684K080AC
± 20%
C1608X6S1H684M080AC
C1608X6S1V684M080AB
C1608X6S1E684M080AB
C1608X6S1C684M080AC
2012
1.25 ± 0.20
± 10%
C2012X6S1H684K125AB
± 20%
C2012X6S1H684M125AB
1 F
1005
0.50 ± 0.05
± 10%
C1005X6S1C105K050BC
± 20%
C1005X6S1C105M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1H105K080AC
C1608X6S1V105K080AB
C1608X6S1E105K080AB
C1608X6S1C105K080AC
± 20%
C1608X6S1H105M080AC
C1608X6S1V105M080AB
C1608X6S1E105M080AB
C1608X6S1C105M080AC
2012
0.85 ± 0.15
± 10%
C2012X6S1H105K085AB
C2012X6S1V105K085AB
C2012X6S1E105K085AB
± 20%
C2012X6S1H105M085AB
C2012X6S1V105M085AB
C2012X6S1E105M085AB
1.25 ± 0.20
± 10%
C2012X6S1H105K125AB
± 20%
C2012X6S1H105M125AB
1.5 F
1005
0.50 +0.15/-0.10
± 10%
C1005X6S1C155K050BC
± 20%
C1005X6S1C155M050BC
1608
0.80 ± 0.10
± 10%
C1608X6S1C155K080AC
± 20%
C1608X6S1C155M080AC
2012
1.25 ± 0.20
± 10%
C2012X6S1H155K125AB
C2012X6S1V155K125AB
C2012X6S1E155K125AB
± 20%
C2012X6S1H155M125AB
C2012X6S1V155M125AB
C2012X6S1E155M125AB
3216
1.60 ± 0.20
± 10%
C3216X6S1H155K160AB
C3216X6S1V155K160AB
± 20%
C3216X6S1H155M160AB
C3216X6S1V155M160AB
2.2 F
1005
0.50 +0.10/-0.15
± 10%
C1005X6S1C225K050BC
± 20%
C1005X6S1C225M050BC
Page 46
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com