Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 44 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 44 Page - TDK Electronics

Back Button C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
10 F
3225
2.00 ± 0.20
± 10%
C3225X5R1C106K200AA
± 20%
C3225X5R1C106M200AA
2.50 ± 0.30
± 10%
C3225X5R1H106K250AB
C3225X5R1E106K250AA
± 20%
C3225X5R1H106M250AB
C3225X5R1E106M250AA
4532
2.50 ± 0.30
± 10%
C4532X5R1E106K250KA
± 20%
C4532X5R1E106M250KA
5750
2.30 ± 0.20
± 10%
C5750X5R1H106K230KA
± 20%
C5750X5R1H106M230KA
15 F
2012
1.25 ± 0.20
± 20%
C2012X5R1V156M125AC
C2012X5R1E156M125AC
C2012X5R1C156M125AC
3216
1.60 ± 0.20
± 20%
C3216X5R1V156M160AC
C3216X5R1E156M160AB
C3216X5R1C156M160AB
3225
2.50 ± 0.30
± 20%
C3225X5R1C156M250AA
4532
2.50 ± 0.30
± 20%
C4532X5R1E156M250KA
2.80 ± 0.30
± 20%
C4532X5R1E156M280KA
22 F
2012
0.85 ± 0.15
± 20%
C2012X5R1C226M085AC
1.25 ± 0.20
± 10%
C2012X5R1C226K125AC
± 20%
C2012X5R1V226M125AC
C2012X5R1E226M125AC
C2012X5R1C226M125AC
3216
1.60 ± 0.20
± 20%
C3216X5R1V226M160AC
C3216X5R1E226M160AB
C3216X5R1C226M160AB
3225
2.50 ± 0.30
± 10%
C3225X5R1C226K250AA
± 20%
C3225X5R1C226M250AA
4532
2.00 ± 0.20
± 20%
C4532X5R1C226M200KA
2.30 ± 0.20
± 20%
C4532X5R1C226M230KA
2.50 ± 0.30
± 20%
C4532X5R1E226M250KA
5750
2.30 ± 0.20
± 20%
C5750X5R1E226M230KA
2.50 ± 0.30
± 20%
C5750X5R1E226M250KA
33 F
3216
1.60 ± 0.20
± 20%
C3216X5R1E336M160AC
C3216X5R1C336M160AB
4532
2.50 ± 0.30
± 20%
C4532X5R1C336M250KA
5750
2.00 ± 0.20
± 20%
C5750X5R1C336M200KA
47 F
3216
1.60 ± 0.20
± 20%
C3216X5R1E476M160AC
C3216X5R1C476M160AB
5750
2.30 ± 0.20
± 20%
C5750X5R1C476M230KA
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
1 nF
0402
0.20 ± 0.02
± 10%
C0402X5R1A102K020BC
C0402X5R0J102K020BC
C0402X5R0G102K020BC
± 20%
C0402X5R1A102M020BC
C0402X5R0J102M020BC
C0402X5R0G102M020BC
1.5 nF
0402
0.20 ± 0.02
± 10%
C0402X5R1A152K020BC
C0402X5R0J152K020BC
C0402X5R0G152K020BC
± 20%
C0402X5R1A152M020BC
C0402X5R0J152M020BC
C0402X5R0G152M020BC
2.2 nF
0402
0.20 ± 0.02
± 10%
C0402X5R1A222K020BC
C0402X5R0J222K020BC
C0402X5R0G222K020BC
± 20%
C0402X5R1A222M020BC
C0402X5R0J222M020BC
C0402X5R0G222M020BC
3.3 nF
0402
0.20 ± 0.02
± 10%
C0402X5R1A332K020BC
C0402X5R0J332K020BC
C0402X5R0G332K020BC
± 20%
C0402X5R1A332M020BC
C0402X5R0J332M020BC
C0402X5R0G332M020BC
4.7 nF
0402
0.20 ± 0.02
± 10%
C0402X5R1A472K020BC
C0402X5R0J472K020BC
C0402X5R0G472K020BC
± 20%
C0402X5R1A472M020BC
C0402X5R0J472M020BC
C0402X5R0G472M020BC
6.8 nF
0402
0.20 ± 0.02
± 10%
C0402X5R1A682K020BC
C0402X5R0J682K020BC
C0402X5R0G682K020BC
± 20%
C0402X5R1A682M020BC
C0402X5R0J682M020BC
C0402X5R0G682M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1A682K030BA
± 20%
C0603X5R1A682M030BA
10 nF
0402
0.20 ± 0.02
± 10%
C0402X5R1A103K020BC
C0402X5R0J103K020BC
C0402X5R0G103K020BC
± 20%
C0402X5R1A103M020BC
C0402X5R0J103M020BC
C0402X5R0G103M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1A103K030BA
± 20%
C0603X5R1A103M030BA
15 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1A153K030BC
C0603X5R0J153K030BA
± 20%
C0603X5R1A153M030BC
C0603X5R0J153M030BA
22 nF
0402
0.20 ± 0.02
± 20%
C0402X5R0J223M020BC
C0402X5R0G223M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1A223K030BC
C0603X5R0J223K030BC
± 20%
C0603X5R1A223M030BC
C0603X5R0J223M030BC
33 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1A333K030BC
C0603X5R0J333K030BC
± 20%
C0603X5R1A333M030BC
C0603X5R0J333M030BC
Page 43
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com