Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 38 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 38 Page - TDK Electronics

Back Button C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
33 F
3216
1.60 ± 0.20
± 20%
C3216JB1E336M160AC
C3216JB1C336M160AB
4532
2.50 ± 0.30
± 20%
C4532JB1C336M250KA
47 F
3216
1.60 ± 0.20
± 20%
C3216JB1E476M160AC
C3216JB1C476M160AB
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
1 nF
0402
0.20 ± 0.02
± 10%
C0402JB1A102K020BC
C0402JB0J102K020BC
C0402JB0G102K020BC
± 20%
C0402JB1A102M020BC
C0402JB0J102M020BC
C0402JB0G102M020BC
1.5 nF
0402
0.20 ± 0.02
± 10%
C0402JB1A152K020BC
C0402JB0J152K020BC
C0402JB0G152K020BC
± 20%
C0402JB1A152M020BC
C0402JB0J152M020BC
C0402JB0G152M020BC
2.2 nF
0402
0.20 ± 0.02
± 10%
C0402JB1A222K020BC
C0402JB0J222K020BC
C0402JB0G222K020BC
± 20%
C0402JB1A222M020BC
C0402JB0J222M020BC
C0402JB0G222M020BC
3.3 nF
0402
0.20 ± 0.02
± 10%
C0402JB1A332K020BC
C0402JB0J332K020BC
C0402JB0G332K020BC
± 20%
C0402JB1A332M020BC
C0402JB0J332M020BC
C0402JB0G332M020BC
4.7 nF
0402
0.20 ± 0.02
± 10%
C0402JB1A472K020BC
C0402JB0J472K020BC
C0402JB0G472K020BC
± 20%
C0402JB1A472M020BC
C0402JB0J472M020BC
C0402JB0G472M020BC
6.8 nF
0402
0.20 ± 0.02
± 10%
C0402JB1A682K020BC
C0402JB0J682K020BC
C0402JB0G682K020BC
± 20%
C0402JB1A682M020BC
C0402JB0J682M020BC
C0402JB0G682M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1A682K030BA
± 20%
C0603JB1A682M030BA
10 nF
0402
0.20 ± 0.02
± 10%
C0402JB1A103K020BC
C0402JB0J103K020BC
C0402JB0G103K020BC
± 20%
C0402JB1A103M020BC
C0402JB0J103M020BC
C0402JB0G103M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1A103K030BA
± 20%
C0603JB1A103M030BA
15 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A153K030BC
C0603JB0J153K030BA
± 20%
C0603JB1A153M030BC
C0603JB0J153M030BA
22 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A223K030BC
C0603JB0J223K030BC
± 20%
C0603JB1A223M030BC
C0603JB0J223M030BC
33 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A333K030BC
C0603JB0J333K030BC
± 20%
C0603JB1A333M030BC
C0603JB0J333M030BC
47 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A473K030BC
C0603JB0J473K030BC
± 20%
C0603JB1A473M030BC
C0603JB0J473M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1A473K050BA
± 20%
C1005JB1A473M050BA
68 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A683K030BC
C0603JB0J683K030BC
± 20%
C0603JB1A683M030BC
C0603JB0J683M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1A683K050BA
± 20%
C1005JB1A683M050BA
100 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A104K030BC
C0603JB0J104K030BC
± 20%
C0603JB1A104M030BC
C0603JB0J104M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1A104K050BA
± 20%
C1005JB1A104M050BA
150 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A154K030BB
C0603JB0J154K030BB
± 20%
C0603JB1A154M030BB
C0603JB0J154M030BB
1005
0.50 ± 0.05
± 10%
C1005JB1A154K050BC
C1005JB0J154K050BB
± 20%
C1005JB1A154M050BC
C1005JB0J154M050BB
220 nF
0603
0.30 ± 0.03
± 10%
C0603JB1A224K030BB
C0603JB0J224K030BB
± 20%
C0603JB1A224M030BB
C0603JB0J224M030BB
1005
0.50 ± 0.05
± 10%
C1005JB1A224K050BC
C1005JB0J224K050BB
± 20%
C1005JB1A224M050BC
C1005JB0J224M050BB
330 nF
0603
0.30 ± 0.03
± 20%
C0603JB0J334M030BC
0.30 ± 0.05
± 10%
C0603JB1A334K030BC
± 20%
C0603JB1A334M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1A334K050BC
C1005JB0J334K050BB
± 20%
C1005JB1A334M050BC
C1005JB0J334M050BB
470 nF
0603
0.30 ± 0.03
± 20%
C0603JB0J474M030BC
0.30 ± 0.05
± 20%
C0603JB1A474M030BC
1005
0.50 ± 0.05
± 10%
C1005JB1A474K050BB
C1005JB0J474K050BB
± 20%
C1005JB1A474M050BB
C1005JB0J474M050BB
Page 37
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com