Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 23 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 23 Page - TDK Electronics

Back Button C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0 ± 30 ppm/ºC)
Page 22
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
0.5 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C0R5C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H0R5C030BA
C0603C0G1E0R5C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1H0R5B050BA
± 0.25pF
C1005C0G1H0R5C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H0R5C080AA
0.75 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1CR75C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1HR75C030BA
C0603C0G1ER75C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1HR75B050BA
± 0.25pF
C1005C0G1HR75C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1HR75C080AA
1 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C010C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H010C030BA
C0603C0G1E010C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1H010B050BA
± 0.25pF
C1005C0G1H010C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H010C080AA
1.5 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C1R5C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H1R5C030BA
C0603C0G1E1R5C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1H1R5B050BA
± 0.25pF
C1005C0G1H1R5C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H1R5C080AA
2 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C020C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H020C030BA
C0603C0G1E020C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1H020B050BA
± 0.25pF
C1005C0G1H020C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H020C080AA
2.2 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C2R2C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H2R2C030BA
C0603C0G1E2R2C030BA
3 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C030C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H030C030BA
C0603C0G1E030C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1H030B050BA
± 0.25pF
C1005C0G1H030C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H030C080AA
3.3 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C3R3C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H3R3C030BA
C0603C0G1E3R3C030BA
4 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C040C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H040C030BA
C0603C0G1E040C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1H040B050BA
± 0.25pF
C1005C0G1H040C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H040C080AA
4.7 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C4R7C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H4R7C030BA
C0603C0G1E4R7C030BA
5 pF
0402
0.20 ± 0.02
± 0.25pF
C0402C0G1C050C020BC
0603
0.30 ± 0.03
± 0.25pF
C0603C0G1H050C030BA
C0603C0G1E050C030BA
1005
0.50 ± 0.05
± 0.10pF
C1005C0G1H050B050BA
± 0.25pF
C1005C0G1H050C050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H050C080AA
6 pF
0402
0.20 ± 0.02
± 0.50pF
C0402C0G1C060D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603C0G1H060D030BA
C0603C0G1E060D030BA
1005
0.50 ± 0.05
± 0.25pF
C1005C0G1H060C050BA
± 0.50pF
C1005C0G1H060D050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H060C080AA
± 0.50pF
C1608C0G1H060D080AA
6.8 pF
0402
0.20 ± 0.02
± 0.50pF
C0402C0G1C6R8D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603C0G1H6R8D030BA
C0603C0G1E6R8D030BA
7 pF
0402
0.20 ± 0.02
± 0.50pF
C0402C0G1C070D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603C0G1H070D030BA
C0603C0G1E070D030BA
1005
0.50 ± 0.05
± 0.25pF
C1005C0G1H070C050BA
± 0.50pF
C1005C0G1H070D050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H070C080AA
± 0.50pF
C1608C0G1H070D080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com