Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 36 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 36 Page - TDK Electronics

Back Button C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
330 nF
2012
1.25 ± 0.20
± 10%
C2012JB1H334K125AA
± 20%
C2012JB1H334M125AA
470 nF
1005
0.50 ± 0.05
± 10%
C1005JB1V474K050BC
C1005JB1E474K050BB
C1005JB1C474K050BC
± 20%
C1005JB1V474M050BC
C1005JB1E474M050BB
C1005JB1C474M050BC
1608
0.80 ± 0.10
± 10%
C1608JB1H474K080AB
C1608JB1V474K080AB
C1608JB1E474K080AC
C1608JB1C474K080AA
± 20%
C1608JB1H474M080AB
C1608JB1V474M080AB
C1608JB1E474M080AC
C1608JB1C474M080AA
2012
1.25 ± 0.20
± 10%
C2012JB1H474K125AB
± 20%
C2012JB1H474M125AB
680 nF
1005
0.50 ± 0.05
± 10%
C1005JB1V684K050BC
C1005JB1E684K050BC
C1005JB1C684K050BC
± 20%
C1005JB1V684M050BC
C1005JB1E684M050BC
C1005JB1C684M050BC
1608
0.80 ± 0.10
± 10%
C1608JB1H684K080AB
C1608JB1V684K080AB
C1608JB1E684K080AC
C1608JB1C684K080AA
± 20%
C1608JB1H684M080AB
C1608JB1V684M080AB
C1608JB1E684M080AC
C1608JB1C684M080AA
2012
1.25 ± 0.20
± 10%
C2012JB1H684K125AB
C2012JB1E684K125AA
± 20%
C2012JB1H684M125AB
C2012JB1E684M125AA
1 F
1005
0.50 ± 0.05
± 10%
C1005JB1V105K050BC
C1005JB1E105K050BC
C1005JB1C105K050BC
± 20%
C1005JB1V105M050BC
C1005JB1E105M050BC
C1005JB1C105M050BC
1608
0.80 ± 0.10
± 10%
C1608JB1H105K080AB
C1608JB1V105K080AB
C1608JB1E105K080AC
C1608JB1C105K080AA
± 20%
C1608JB1H105M080AB
C1608JB1V105M080AB
C1608JB1E105M080AC
C1608JB1C105M080AA
2012
0.85 ± 0.15
± 10%
C2012JB1H105K085AB
C2012JB1V105K085AB
C2012JB1E105K085AC
C2012JB1C105K085AA
± 20%
C2012JB1H105M085AB
C2012JB1V105M085AB
C2012JB1E105M085AC
C2012JB1C105M085AA
1.25 ± 0.20
± 10%
C2012JB1H105K125AB
C2012JB1E105K125AA
± 20%
C2012JB1H105M125AB
C2012JB1E105M125AA
3216
1.60 ± 0.20
± 10%
C3216JB1H105K160AA
± 20%
C3216JB1H105M160AA
1.5 F
1005
0.50 ± 0.05
± 10%
C1005JB1V155K050BC
C1005JB1C155K050BC
± 20%
C1005JB1V155M050BC
C1005JB1C155M050BC
0.50 ± 0.10
± 10%
C1005JB1E155K050BC
± 20%
C1005JB1E155M050BC
1608
0.80 ± 0.10
± 10%
C1608JB1V155K080AC
C1608JB1E155K080AB
C1608JB1C155K080AB
± 20%
C1608JB1V155M080AC
C1608JB1E155M080AB
C1608JB1C155M080AB
2012
0.85 ± 0.15
± 10%
C2012JB1E155K085AC
± 20%
C2012JB1E155M085AC
1.25 ± 0.20
± 10%
C2012JB1H155K125AB
C2012JB1V155K125AB
C2012JB1E155K125AB
C2012JB1C155K125AA
± 20%
C2012JB1H155M125AB
C2012JB1V155M125AB
C2012JB1E155M125AB
C2012JB1C155M125AA
3216
1.60 ± 0.20
± 10%
C3216JB1H155K160AB
C3216JB1E155K160AA
± 20%
C3216JB1H155M160AB
C3216JB1E155M160AA
2.2 F
1005
0.50 +0.15/-0.10
± 10%
C1005JB1E225K050BC
± 20%
C1005JB1E225M050BC
0.50 ± 0.05
± 10%
C1005JB1V225K050BC
C1005JB1C225K050BC
± 20%
C1005JB1V225M050BC
C1005JB1C225M050BC
1608
0.80 ± 0.10
± 10%
C1608JB1V225K080AC
C1608JB1E225K080AB
C1608JB1C225K080AB
± 20%
C1608JB1V225M080AC
C1608JB1E225M080AB
C1608JB1C225M080AB
2012
0.85 ± 0.15
± 10%
C2012JB1H225K085AB
C2012JB1V225K085AB
C2012JB1E225K085AB
C2012JB1C225K085AC
± 20%
C2012JB1H225M085AB
C2012JB1V225M085AB
C2012JB1E225M085AB
C2012JB1C225M085AC
1.25 ± 0.20
± 10%
C2012JB1H225K125AB
C2012JB1V225K125AB
C2012JB1E225K125AC
C2012JB1C225K125AA
± 20%
C2012JB1H225M125AB
C2012JB1V225M125AB
C2012JB1E225M125AC
C2012JB1C225M125AA
3216
1.60 ± 0.20
± 10%
C3216JB1H225K160AB
C3216JB1E225K160AA
± 20%
C3216JB1H225M160AB
C3216JB1E225M160AA
3225
2.00 ± 0.20
± 10%
C3225JB1H225K200AA
± 20%
C3225JB1H225M200AA
3.3 F
1608
0.80 ± 0.10
± 10%
C1608JB1E335K080AC
C1608JB1C335K080AC
± 20%
C1608JB1E335M080AC
C1608JB1C335M080AC
0.80 ± 0.20
± 10%
C1608JB1V335K080AC
± 20%
C1608JB1V335M080AC
2012
0.60 ± 0.15
± 10%
C2012JB1C335K060AC
± 20%
C2012JB1C335M060AC
0.85 ± 0.15
± 10%
C2012JB1E335K085AC
C2012JB1C335K085AB
± 20%
C2012JB1E335M085AC
C2012JB1C335M085AB
1.25 ± 0.20
± 10%
C2012JB1H335K125AB
C2012JB1V335K125AC
C2012JB1E335K125AB
C2012JB1C335K125AC
± 20%
C2012JB1H335M125AB
C2012JB1V335M125AC
C2012JB1E335M125AB
C2012JB1C335M125AC
3216
1.60 ± 0.20
± 10%
C3216JB1H335K160AB
C3216JB1V335K160AB
C3216JB1E335K160AA
± 20%
C3216JB1H335M160AB
C3216JB1V335M160AB
C3216JB1E335M160AA
Page 35
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com