Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 34 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 34 Page - TDK Electronics

Back Button C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0 ± 60 ppm/ºC)
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
220 nF
4532
3.20 ± 0.30
± 10%
C4532CH1H224K320KA
± 5%
C4532CH1H224J320KA
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
100 pF
0402
0.20 ± 0.02
± 10%
± 20%
C0402JB1C101M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1E101K030BA
± 20%
C0603JB1E101M030BA
150 pF
0402
0.20 ± 0.02
± 10%
C0402JB1C151K020BC
± 20%
C0402JB1C151M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1E151K030BA
± 20%
C0603JB1E151M030BA
220 pF
0402
0.20 ± 0.02
± 10%
C0402JB1C221K020BC
± 20%
C0402JB1C221M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1E221K030BA
± 20%
C0603JB1E221M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H221K050BA
± 20%
C1005JB1H221M050BA
330 pF
0402
0.20 ± 0.02
± 10%
C0402JB1C331K020BC
± 20%
C0402JB1C331M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1E331K030BA
± 20%
C0603JB1E331M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H331K050BA
± 20%
C1005JB1H331M050BA
470 pF
0402
0.20 ± 0.02
± 10%
C0402JB1C471K020BC
± 20%
C0402JB1C471M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1E471K030BA
± 20%
C0603JB1E471M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H471K050BA
± 20%
C1005JB1H471M050BA
680 pF
0402
0.20 ± 0.02
± 10%
C0402JB1C681K020BC
± 20%
C0402JB1C681M020BC
0603
0.30 ± 0.03
± 10%
C0603JB1E681K030BA
± 20%
C0603JB1E681M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H681K050BA
± 20%
C1005JB1H681M050BA
1 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E102K030BA
± 20%
C0603JB1E102M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H102K050BA
± 20%
C1005JB1H102M050BA
1.5 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E152K030BA
± 20%
C0603JB1E152M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H152K050BA
± 20%
C1005JB1H152M050BA
2.2 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E222K030BA
± 20%
C0603JB1E222M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H222K050BA
± 20%
C1005JB1H222M050BA
3.3 nF
0603
0.30 ± 0.03
± 10%
C0603JB1E332K030BA
± 20%
C0603JB1E332M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H332K050BA
± 20%
C1005JB1H332M050BA
4.7 nF
0603
0.30 ± 0.03
± 10%
C0603JB1C472K030BA
± 20%
C0603JB1C472M030BA
1005
0.50 ± 0.05
± 10%
C1005JB1H472K050BA
± 20%
C1005JB1H472M050BA
Page 33
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com