Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 50 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 50 Page - TDK Electronics

Back Button C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
4.7 F
2012
0.85 ± 0.15
± 10%
C2012X6S1A475K085AB
± 20%
C2012X6S1A475M085AB
1.25 ± 0.20
± 10%
C2012X6S0J475K125AB
± 20%
C2012X6S0J475M125AB
6.8 F
1608
0.80 ± 0.10
± 10%
C1608X6S0G685K080AC
± 20%
C1608X6S0G685M080AC
0.80 ± 0.20
± 10%
C1608X6S1A685K080AC
C1608X6S0J685K080AB
± 20%
C1608X6S1A685M080AC
C1608X6S0J685M080AB
2012
0.85 ± 0.15
± 10%
C2012X6S1A685K085AC
C2012X6S0J685K085AB
± 20%
C2012X6S1A685M085AC
C2012X6S0J685M085AB
1.25 ± 0.20
± 10%
C2012X6S1A685K125AB
± 20%
C2012X6S1A685M125AB
3216
0.85 ± 0.10
± 10%
C3216X6S1A685K085AB
± 20%
C3216X6S1A685M085AB
10 F
1608
0.80 ± 0.10
± 10%
C1608X6S0G106K080AB
± 20%
C1608X6S0G106M080AC
0.80 ± 0.20
± 20%
C1608X6S1A106M080AC
C1608X6S0J106M080AC
2012
0.85 ± 0.15
± 10%
C2012X6S1A106K085AC
C2012X6S0J106K085AC
± 20%
C2012X6S1A106M085AC
C2012X6S0J106M085AC
1.25 ± 0.20
± 10%
C2012X6S1A106K125AB
C2012X6S0J106K125AB
C2012X6S0G106K125AC
± 20%
C2012X6S1A106M125AB
C2012X6S0J106M125AB
C2012X6S0G106M125AC
3216
0.85 ± 0.10
± 10%
C3216X6S1A106K085AB
± 20%
C3216X6S1A106M085AB
1.60 ± 0.20
± 10%
C3216X6S0J106K160AC
± 20%
C3216X6S0J106M160AC
15 F
2012
0.85 ± 0.15
± 20%
C2012X6S0G156M085AC
1.25 ± 0.20
± 20%
C2012X6S1A156M125AC
C2012X6S0J156M125AB
3216
1.60 ± 0.20
± 20%
C3216X6S1A156M160AB
C3216X6S0J156M160AB
22 F
2012
0.85 ± 0.15
± 20%
C2012X6S0J226M085AC
C2012X6S0G226M085AC
1.25 ± 0.20
± 20%
C2012X6S1A226M125AC
C2012X6S0J226M125AB
C2012X6S0G226M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1A226M160AB
C3216X6S0J226M160AB
33 F
2012
1.25 ± 0.20
± 20%
C2012X6S0G336M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1A336M160AC
C3216X6S0J336M160AB
47 F
2012
1.25 ± 0.20
± 20%
C2012X6S0G476M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1A476M160AC
C3216X6S0J476M160AB
C3216X6S0G476M160AC
3225
2.50 ± 0.30
± 20%
C3225X6S0J476M250AC
68 F
3216
1.60 ± 0.20
± 20%
C3216X6S0G686M160AC
100 F
3216
1.60 +0.30/-0.10
± 20%
C3216X6S0G107M160AC
3225
2.50 ± 0.30
± 20%
C3225X6S0J107M250AC
C3225X6S0G107M250AC
4532
2.80 ± 0.30
± 20%
C4532X6S0J107M280KC
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
100 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E101K030BA
± 20%
C0603X7R1E101M030BA
150 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E151K030BA
± 20%
C0603X7R1E151M030BA
220 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E221K030BA
± 20%
C0603X7R1E221M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H221K050BA
± 20%
C1005X7R1H221M050BA
330 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E331K030BA
± 20%
C0603X7R1E331M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H331K050BA
± 20%
C1005X7R1H331M050BA
470 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E471K030BA
± 20%
C0603X7R1E471M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H471K050BA
± 20%
C1005X7R1H471M050BA
Page 49
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com