Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 15 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 15 Page - TDK Electronics

Back Button C2012 Datasheet HTML 11Page - TDK Electronics C2012 Datasheet HTML 12Page - TDK Electronics C2012 Datasheet HTML 13Page - TDK Electronics C2012 Datasheet HTML 14Page - TDK Electronics C2012 Datasheet HTML 15Page - TDK Electronics C2012 Datasheet HTML 16Page - TDK Electronics C2012 Datasheet HTML 17Page - TDK Electronics C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Page 14
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en
EIA CC0805 [C2012]
C0G
CH
JB
1H
(50V)
1E
(25V)
1H
(50V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
1,000
1,200
1,500
1,800
2,200
2,700
3,300
3,900
4,700
5,600
6,800
8,200
10,000
15,000
22,000
33,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
4,700,000
6,800,000
10,000,000
15,000,000
22,000,000
33,000,000
47,000,000
102
122
152
182
222
272
332
392
472
562
682
822
103
153
223
333
104
154
224
334
474
684
105
155
225
335
475
685
106
156
226
336
476
J: ± 5%
K: ± 10%
M: ± 20%
0.60 mm
0.85 mm
1.25 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH(0 ± 60ppm/ºC), JB(±10%)
Rated Voltage: 50V (1H), 35V (1V), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Standard Thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com