Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 52 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 52 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 48Page - Altera Corporation EP3SL70 Datasheet HTML 49Page - Altera Corporation EP3SL70 Datasheet HTML 50Page - Altera Corporation EP3SL70 Datasheet HTML 51Page - Altera Corporation EP3SL70 Datasheet HTML 52Page - Altera Corporation EP3SL70 Datasheet HTML 53Page - Altera Corporation EP3SL70 Datasheet HTML 54Page - Altera Corporation EP3SL70 Datasheet HTML 55Page - Altera Corporation EP3SL70 Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 341 page
background image
1–42
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-2
CLASS I
GCLK
t
su
-0.821
-0.860
1.692
1.930
2.146
2.032
2.059
1.931
2.149
2.032
2.106
ns
t
h
0.973
0.971
1.413
-1.483 -1.648 -1.564 -1.586 -1.477 -1.641 -1.554 -1.632
ns
GCLK
PLL
t
su
0.935
0.987
-1.228 -1.331 -1.452 -1.396 -1.664 -1.342 -1.461 -1.407 -1.699
ns
t
h
-0.844
-0.883
1.692
1.536
1.680
1.611
1.876
1.557
1.698
1.633
1.910
ns
SSTL-2
CLASS II
GCLK
t
su
1.026
1.024
1.413
1.930
2.146
2.032
2.059
1.931
2.149
2.032
2.106
ns
t
h
0.958
1.010
-1.228 -1.483 -1.648 -1.564 -1.586 -1.477 -1.641 -1.554 -1.632
ns
GCLK
PLL
t
su
-0.844
-0.883
-1.309 -1.321 -1.434 -1.378 -1.646 -1.331 -1.444 -1.390 -1.682
ns
t
h
1.026
1.024
-1.213
1.526
1.662
1.593
1.858
1.546
1.681
1.616
1.893
ns
SSTL-18
CLASS I
GCLK
t
su
0.958
1.010
1.399
1.940
2.164
2.050
2.077
1.942
2.166
2.049
2.123
ns
t
h
-0.830
-0.871
1.692
1.940
2.164
2.050
2.077
1.942
2.166
2.049
2.123
ns
GCLK
PLL
t
su
1.040
1.036
1.413
-1.493 -1.666 -1.582 -1.604 -1.488 -1.658 -1.571 -1.649
ns
t
h
0.944
0.998
-1.228 -1.321 -1.434 -1.378 -1.646 -1.331 -1.444 -1.390 -1.682
ns
SSTL-18
CLASS II
GCLK
t
su
-0.844
-0.883
1.692
-1.483 -1.648 -1.564 -1.586 -1.477 -1.641 -1.554 -1.632
ns
t
h
1.026
1.024
1.413
-1.331 -1.452 -1.396 -1.664 -1.342 -1.461 -1.407 -1.699
ns
GCLK
PLL
t
su
0.958
1.010
-1.228
1.536
1.680
1.611
1.876
1.557
1.698
1.633
1.910
ns
t
h
-0.844
-0.883
-1.309
1.930
2.146
2.032
2.059
1.931
2.149
2.032
2.106
ns
SSTL-15
CLASS I
GCLK
t
su
1.026
1.024
-1.213 -1.483 -1.648 -1.564 -1.586 -1.477 -1.641 -1.554 -1.632
ns
t
h
0.958
1.010
1.399
-1.331 -1.452 -1.396 -1.664 -1.342 -1.461 -1.407 -1.699
ns
GCLK
PLL
t
su
-0.830
-0.871
1.707
1.536
1.680
1.611
1.876
1.557
1.698
1.633
1.910
ns
t
h
1.040
1.036
-1.309
1.930
2.146
2.032
2.059
1.931
2.149
2.032
2.106
ns
1.8-V
HSTL
CLASS I
GCLK
t
su
0.944
0.998
-1.213 -1.483 -1.648 -1.564 -1.586 -1.477 -1.641 -1.554 -1.632
ns
t
h
-0.830
-0.871
-1.318
1.940
2.164
2.050
2.077
1.942
2.166
2.049
2.123
ns
GCLK
PLL
t
su
1.040
1.036
-1.204 -1.493 -1.666 -1.582 -1.604 -1.488 -1.658 -1.571 -1.649
ns
t
h
0.944
0.998
1.390
-1.321 -1.434 -1.378 -1.646 -1.331 -1.444 -1.390 -1.682
ns
1.8-V
HSTL
CLASS II
GCLK
t
su
-0.821
-0.859
1.716
1.526
1.662
1.593
1.858
1.546
1.681
1.616
1.893
ns
t
h
1.049
1.048
-1.318
1.940
2.164
2.050
2.077
1.942
2.166
2.049
2.123
ns
GCLK
PLL
t
su
0.935
0.986
-1.204 -1.493 -1.666 -1.582 -1.604 -1.488 -1.658 -1.571 -1.649
ns
t
h
-0.821
-0.859
-1.318
1.950
2.180
2.066
2.093
1.951
2.182
2.065
2.139
ns
1.5-V
HSTL
CLASS I
GCLK
t
su
1.049
1.048
-1.288 -1.503 -1.682 -1.598 -1.620 -1.497 -1.674 -1.587 -1.665
ns
t
h
0.935
0.986
1.557
-1.311 -1.418 -1.362 -1.630 -1.322 -1.428 -1.374 -1.666
ns
GCLK
PLL
t
su
-0.890
-0.925
1.473
1.516
1.646
1.577
1.842
1.537
1.665
1.600
1.877
ns
t
h
1.003
1.051
-1.288
1.950
2.180
2.066
2.093
1.951
2.182
2.065
2.139
ns
1.5-V
HSTL
CLASS II
GCLK
t
su
0.904
0.906
1.557
-1.503 -1.682 -1.598 -1.620 -1.497 -1.674 -1.587 -1.665
ns
t
h
-0.655
-0.645
1.473
-1.311 -1.418 -1.362 -1.630 -1.322 -1.428 -1.374 -1.666
ns
GCLK
PLL
t
su
-0.890
-0.925
1.473
1.516
1.646
1.577
1.842
1.537
1.665
1.600
1.877
ns
t
h
1.003
1.051
1.473
1.950
2.180
2.066
2.093
1.951
2.182
2.065
2.139
ns
Table 1–42. EP3SL50 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com