Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 63 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 63 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 59Page - Altera Corporation EP3SL70 Datasheet HTML 60Page - Altera Corporation EP3SL70 Datasheet HTML 61Page - Altera Corporation EP3SL70 Datasheet HTML 62Page - Altera Corporation EP3SL70 Datasheet HTML 63Page - Altera Corporation EP3SL70 Datasheet HTML 64Page - Altera Corporation EP3SL70 Datasheet HTML 65Page - Altera Corporation EP3SL70 Datasheet HTML 66Page - Altera Corporation EP3SL70 Datasheet HTML 67Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–53
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS I
4mA
GCLK
t
co
3.047
3.271
4.617
5.015
5.525
5.389
5.596
5.141
5.653
5.518
5.664
ns
GCLK
PLL
t
co
1.316
1.519
1.927
1.998
2.198
2.216
2.138
2.111
2.316
2.333
2.127
ns
6mA
GCLK
t
co
3.042
3.266
4.615
5.014
5.524
5.388
5.595
5.139
5.651
5.516
5.662
ns
GCLK
PLL
t
co
1.311
1.505
1.924
1.997
2.197
2.215
2.137
2.109
2.314
2.331
2.125
ns
8mA
GCLK
tco
3.031
3.255
4.605
5.004
5.514
5.378
5.585
5.130
5.642
5.507
5.653
ns
GCLK
PLL
t
co
1.300
1.493
1.907
1.987
2.187
2.205
2.127
2.100
2.305
2.322
2.116
ns
10mA
GCLK
t
co
3.020
3.244
4.592
4.991
5.501
5.365
5.572
5.118
5.630
5.495
5.641
ns
GCLK
PLL
t
co
1.289
1.476
1.891
1.974
2.174
2.192
2.114
2.088
2.293
2.310
2.104
ns
12mA
GCLK
t
co
3.020
3.243
4.592
4.991
5.501
5.365
5.572
5.117
5.630
5.495
5.641
ns
GCLK
PLL
t
co
1.289
1.475
1.890
1.974
2.174
2.192
2.114
2.087
2.293
2.310
2.104
ns
SSTL-18
CLASS II
8mA
GCLK
t
co
3.028
3.250
4.591
4.988
5.496
5.360
5.567
5.113
5.624
5.489
5.635
ns
GCLK
PLL
t
co
1.297
1.482
1.888
1.971
2.169
2.187
2.109
2.083
2.287
2.304
2.098
ns
16mA
GCLK
tco
3.029
3.253
4.597
4.996
5.506
5.370
5.577
5.122
5.635
5.500
5.646
ns
GCLK
PLL
t
co
1.298
1.485
1.892
1.979
2.179
2.197
2.119
2.092
2.298
2.315
2.109
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.050
3.274
4.626
5.026
5.538
5.402
5.609
5.151
5.665
5.530
5.676
ns
GCLK
PLL
t
co
1.319
1.515
1.938
2.009
2.211
2.229
2.151
2.121
2.328
2.345
2.139
ns
6mA
GCLK
t
co
3.036
3.260
4.615
5.016
5.528
5.392
5.599
5.142
5.656
5.521
5.667
ns
GCLK
PLL
tco
1.305
1.493
1.920
1.999
2.201
2.219
2.141
2.112
2.319
2.336
2.130
ns
8mA
GCLK
t
co
3.025
3.248
4.602
5.003
5.515
5.379
5.586
5.129
5.643
5.508
5.654
ns
GCLK
PLL
t
co
1.294
1.480
1.903
1.986
2.188
2.206
2.128
2.099
2.306
2.323
2.117
ns
Table 1–44. EP3SL50 Row Pins output Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com