Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 83 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 83 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 79Page - Altera Corporation EP3SL70 Datasheet HTML 80Page - Altera Corporation EP3SL70 Datasheet HTML 81Page - Altera Corporation EP3SL70 Datasheet HTML 82Page - Altera Corporation EP3SL70 Datasheet HTML 83Page - Altera Corporation EP3SL70 Datasheet HTML 84Page - Altera Corporation EP3SL70 Datasheet HTML 85Page - Altera Corporation EP3SL70 Datasheet HTML 86Page - Altera Corporation EP3SL70 Datasheet HTML 87Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–73
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8 V
2mA
GCLK
tco
3.378
3.378
4.810
5.219
5.742
5.621
5.829
5.219
5.742
5.621
5.829
ns
GCLK
PLL
t
co
3.705
3.705
5.294
5.748
6.339
6.196
6.478
5.748
6.339
6.196
6.478
ns
4mA
GCLK
tco
3.200
3.200
4.533
4.912
5.395
5.275
5.481
4.912
5.395
5.275
5.481
ns
GCLK
PLL
t
co
3.524
3.524
5.015
5.439
5.991
5.849
6.147
5.439
5.991
5.849
6.147
ns
6mA
GCLK
t
co
3.115
3.115
4.424
4.796
5.284
5.163
5.371
4.796
5.284
5.163
5.371
ns
GCLK
PLL
t
co
3.442
3.442
4.908
5.324
5.881
5.738
6.035
5.324
5.881
5.738
6.035
ns
8mA
GCLK
t
co
3.095
3.095
4.366
4.742
5.218
5.097
5.305
4.742
5.218
5.097
5.305
ns
GCLK
PLL
t
co
3.422
3.422
4.850
5.270
5.815
5.672
5.958
5.270
5.815
5.672
5.958
ns
10mA
GCLK
t
co
3.032
3.032
4.306
4.668
5.137
5.016
5.224
4.668
5.137
5.016
5.224
ns
GCLK
PLL
t
co
3.359
3.359
4.789
5.195
5.734
5.591
5.889
5.195
5.734
5.591
5.889
ns
12mA
GCLK
t
co
3.015
3.015
4.285
4.647
5.114
4.993
5.201
4.647
5.114
4.993
5.201
ns
GCLK
PLL
tco
3.341
3.341
4.768
5.174
5.711
5.568
5.856
5.174
5.711
5.568
5.856
ns
1.5 V
2mA
GCLK
t
co
3.324
3.324
4.739
5.152
5.680
5.559
5.767
5.152
5.680
5.559
5.767
ns
GCLK
PLL
tco
3.651
3.651
5.223
5.680
6.277
6.134
6.423
5.680
6.277
6.134
6.423
ns
4mA
GCLK
t
co
3.112
3.112
4.420
4.795
5.288
5.167
5.375
4.795
5.288
5.167
5.375
ns
GCLK
PLL
t
co
3.439
3.439
4.904
5.324
5.885
5.742
6.037
5.324
5.885
5.742
6.037
ns
6mA
GCLK
t
co
3.088
3.088
4.353
4.737
5.221
5.100
5.308
4.737
5.221
5.100
5.308
ns
GCLK
PLL
t
co
3.414
3.414
4.837
5.264
5.818
5.675
5.960
5.264
5.818
5.675
5.960
ns
8mA
GCLK
t
co
3.076
3.076
4.337
4.712
5.201
5.080
5.288
4.712
5.201
5.080
5.288
ns
GCLK
PLL
t
co
3.403
3.403
4.820
5.239
5.798
5.655
5.943
5.239
5.798
5.655
5.943
ns
10mA
GCLK
t
co
3.021
3.021
4.298
4.661
5.131
5.010
5.218
4.661
5.131
5.010
5.218
ns
GCLK
PLL
t
co
3.348
3.348
4.782
5.188
5.728
5.585
5.880
5.188
5.728
5.585
5.880
ns
12mA
GCLK
t
co
3.015
3.015
4.281
4.648
5.120
4.999
5.207
4.648
5.120
4.999
5.207
ns
GCLK
PLL
t
co
3.343
3.343
4.765
5.177
5.717
5.574
5.859
5.177
5.717
5.574
5.859
ns
Table 1–53. EP3SL70 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com