Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 84 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 84 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 80Page - Altera Corporation EP3SL70 Datasheet HTML 81Page - Altera Corporation EP3SL70 Datasheet HTML 82Page - Altera Corporation EP3SL70 Datasheet HTML 83Page - Altera Corporation EP3SL70 Datasheet HTML 84Page - Altera Corporation EP3SL70 Datasheet HTML 85Page - Altera Corporation EP3SL70 Datasheet HTML 86Page - Altera Corporation EP3SL70 Datasheet HTML 87Page - Altera Corporation EP3SL70 Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 341 page
background image
1–74
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.2 V
2mA
GCLK
tco
3.240
3.240
4.665
5.087
5.624
5.503
5.711
5.087
5.624
5.503
5.711
ns
GCLK
PLL
t
co
3.567
3.567
5.149
5.616
6.221
6.078
6.363
5.616
6.221
6.078
6.363
ns
4mA
GCLK
tco
3.118
3.118
4.440
4.827
5.338
5.217
5.425
4.827
5.338
5.217
5.425
ns
GCLK
PLL
t
co
3.444
3.444
4.923
5.354
5.935
5.792
6.078
5.354
5.935
5.792
6.078
ns
6mA
GCLK
t
co
3.080
3.080
4.347
4.737
5.225
5.104
5.312
4.737
5.225
5.104
5.312
ns
GCLK
PLL
t
co
3.406
3.406
4.831
5.265
5.822
5.679
5.964
5.265
5.822
5.679
5.964
ns
8mA
GCLK
t
co
3.031
3.031
4.318
4.687
5.169
5.048
5.256
4.687
5.169
5.048
5.256
ns
GCLK
PLL
t
co
3.359
3.359
4.803
5.216
5.766
5.623
5.917
5.216
5.766
5.623
5.917
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.032
3.032
4.275
4.634
5.100
4.979
5.187
4.634
5.100
4.979
5.187
ns
GCLK
PLL
t
co
3.359
3.359
4.760
5.163
5.697
5.554
5.874
5.163
5.697
5.554
5.874
ns
10mA
GCLK
t
co
3.029
3.029
4.272
4.630
5.096
4.975
5.183
4.630
5.096
4.975
5.183
ns
GCLK
PLL
tco
3.356
3.356
4.757
5.160
5.693
5.550
5.869
5.160
5.693
5.550
5.869
ns
12mA
GCLK
t
co
3.028
3.028
4.272
4.631
5.097
4.976
5.184
4.631
5.097
4.976
5.184
ns
GCLK
PLL
tco
3.354
3.354
4.757
5.161
5.694
5.551
5.870
5.161
5.694
5.551
5.870
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
3.019
3.019
4.259
4.617
5.082
4.961
5.169
4.617
5.082
4.961
5.169
ns
GCLK
PLL
t
co
3.345
3.345
4.742
5.145
5.679
5.536
5.854
5.145
5.679
5.536
5.854
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.039
3.039
4.287
4.648
5.116
4.995
5.203
4.648
5.116
4.995
5.203
ns
GCLK
PLL
t
co
3.366
3.366
4.772
5.177
5.713
5.570
5.893
5.177
5.713
5.570
5.893
ns
6mA
GCLK
t
co
3.035
3.035
4.285
4.646
5.114
4.993
5.201
4.646
5.114
4.993
5.201
ns
GCLK
PLL
t
co
3.362
3.362
4.770
5.175
5.711
5.568
5.891
5.175
5.711
5.568
5.891
ns
8mA
GCLK
t
co
3.025
3.025
4.276
4.637
5.105
4.984
5.192
4.637
5.105
4.984
5.192
ns
GCLK
PLL
t
co
3.351
3.351
4.760
5.166
5.702
5.559
5.889
5.166
5.702
5.559
5.889
ns
10mA
GCLK
t
co
3.013
3.013
4.263
4.624
5.092
4.971
5.179
4.624
5.092
4.971
5.179
ns
GCLK
PLL
t
co
3.340
3.340
4.747
5.153
5.689
5.546
5.864
5.153
5.689
5.546
5.864
ns
12mA
GCLK
tco
3.013
3.013
4.263
4.624
5.092
4.971
5.179
4.624
5.092
4.971
5.179
ns
GCLK
PLL
t
co
3.340
3.340
4.747
5.153
5.689
5.546
5.863
5.153
5.689
5.546
5.863
ns
Table 1–53. EP3SL70 Column Pins Output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com