| Electronic Components Datasheet Search |
|
EP3SL70 Datasheet(PDF) 20 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3SL70 Datasheet(HTML) 20 Page - Altera Corporation |
|
20 / 341 page ![]() 1–10 Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics Electrical Characteristics Stratix III Device Handbook, Volume 2 © July 2010 Altera Corporation Refer to the figure in “Single-Ended Voltage Referenced I/O Standard” in the “Glossary” on page 1–326 for voltage referenced receiver input waveform and explanation of terms used in Table 1–14. Table 1–14. Single-Ended SSTL and HSTL I/O Reference Voltage Specifications I/O Standard V CCIO (V) V REF (V) V TT (V) Min Typ Max Min Typ Max Min Typ Max SSTL-2 CLASS I, II 2.375 2.5 2.625 0.49 * V CCIO 0.5 * V CCIO 0.51 * V CCIO V REF - 0.04 V REF V REF + 0.04 SSTL-18 CLASS I, II 1.71 1.8 1.89 0.833 0.9 0.969 V REF - 0.04 V REF V REF + 0.04 SSTL-15 CLASS I, II 1.425 1.5 1.575 0.47 * V CCIO 0.5 * V CCIO 0.53 * V CCIO 0.47 * V CCIO V REF 0.53 * V CCIO HSTL-18 CLASS I, II 1.71 1.8 1.89 0.85 0.9 0.95 — V CCIO/2 — HSTL-15 CLASS I, II 1.425 1.5 1.575 0.68 0.75 0.9 — V CCIO/2 — HSTL-12 CLASS I, II 1.14 1.2 1.26 0.47 * V CCIO 0.5 * V CCIO 0.53 * V CCIO — V CCIO/2 — Table 1–15. Single-Ended SSTL and HSTL I/O Standards Signal Specifications (Note 1) (Part 1 of 2) I/O Standard V IL(DC) (V) V IH(DC) (V) V IL(AC) (V) V IH(AC) (V) V OL (V) V OH (V) IOL (mA) I OH (mA) Min Max Min Max Max Min Max Min SSTL-2 CLASS I -0.3 V REF - 0.15 V REF +0.15 V CCIO + 0.3 V REF - 0.31 V REF + 0.31 VTT - 0.57 VTT + 0.57 8.1 -8.1 SSTL-2 CLASS II -0.3 V REF - 0.15 V REF +0.15 V CCIO + 0.3 V REF - 0.31 V REF + 0.31 VTT - 0.76 VTT + 0.76 16.2 -16.2 SSTL-18 CLASS I -0.3 V REF -0.125 V REF +0.125 V CCIO + 0.3 V REF -0.25 V REF + 0.25 VTT - 0.475 VTT + 0.475 6.7 -6.7 SSTL-18 CLASS II -0.3 V REF -0.125 V REF +0.125 V CCIO + 0.3 V REF -0.25 V REF + 0.25 0.28 V CCIO - 0.28 13.4 -13.4 SSTL-15 CLASS I -0.3 V REF -0.1 V REF +0.1 V CCIO + 0.3 V REF -0.175 V REF + 0.175 0.2 * V CCIO 0.8 * V CCIO 8-8 SSTL-15 CLASS II -0.3 V REF -0.1 V REF +0.1 V CCIO + 0.3 V REF -0.175 V REF + 0.175 0.2 * V CCIO 0.8 * V CCIO 16 -16 HSTL-18 CLASS I -0.3 V REF -0.1 V REF +0.1 V CCIO + 0.3 V REF -0.2 V REF + 0.2 0.4 V CCIO - 0.4 8-8 HSTL-18 CLASS II -0.3 V REF -0.1 V REF +0.1 V CCIO + 0.3 V REF -0.2 V REF + 0.2 0.4 V CCIO - 0.4 16 -16 HSTL-15 CLASS I -0.3 V REF -0.1 V REF +0.1 V CCIO + 0.3 V REF -0.2 V REF + 0.2 0.4 V CCIO - 0.4 8-8 HSTL-15 CLASS II -0.3 V REF -0.1 V REF +0.1 V CCIO + 0.3 V REF -0.2 V REF + 0.2 0.4 V CCIO - 0.4 16 -16 HSTL-12 CLASS I -0.15 V REF -0.08 V REF +0.08 V CCIO + 0.15 V REF -0.15 V REF + 0.15 0.25* V CCIO 0.75 * V CCIO 8-8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |