Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 15 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 15 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 11Page - Altera Corporation EP3SL70 Datasheet HTML 12Page - Altera Corporation EP3SL70 Datasheet HTML 13Page - Altera Corporation EP3SL70 Datasheet HTML 14Page - Altera Corporation EP3SL70 Datasheet HTML 15Page - Altera Corporation EP3SL70 Datasheet HTML 16Page - Altera Corporation EP3SL70 Datasheet HTML 17Page - Altera Corporation EP3SL70 Datasheet HTML 18Page - Altera Corporation EP3SL70 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–5
Electrical Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DC Characteristics
This section lists the input pin capacitances, on-chip termination tolerance, and
hot- socketing specifications.
Supply Current
Standby current is the current the device draws after the device is configured with no
inputs/outputs toggling and no activity in the device. Because these currents vary
largely with the resources used, use the Excel-based Early Power Estimator (EPE) to
get supply current estimates for your design.
Table 1–4 lists supply current specifications for VCC_CLKIN and VCCPGM. Use the EPE to get
supply current estimates for the remaining power supplies.
I/O Pin Leakage Current
Table 1–5 lists Stratix III I/O pin leakage current specifications.
Bus Hold Specifications
Table 1–6 lists the Stratix III device family bus hold specifications.
Table 1–4. Supply Current Specifications for VCC_CLKIN and VCCPGM
Symbol
Parameter
Min
Max
Unit
I
CLKIN
V
CC_CLKIN current specifications
0
250
mA
I
PGM
V
CCPGM current specifications
0
250
mA
Table 1–5. I/O Pin Leakage Current for Stratix III Devices (Note 1), (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
I
Input Pin Leakage Current
V
I = VCCIOMAX to 0 V
-10
—
10
A
I
OZ
Tri-stated I/O Pin Leakage
Current
V
O = VCCIOMAX to 0 V
-10
—
10
A
Notes to Table 1–5:
(1) This value is specified for normal device operation. The value may vary during power-up. This applies for all V
CCIO
settings (3.3, 3.0, 2.5, 1.8, 1.5, and 1.2 V).
(2) The 10-
A I/O leakage current limit is applicable when the internal clamping diode is off. A higher current can be
observed when the diode is on.
Table 1–6. Bus Hold Parameters for Stratix III Devices (Part 1 of 2)
Parameter
Symbol
Conditions
V
CCIO
Unit
1.2 V
1.5 V
1.8 V
2.5 V
3.0 V/3.3 V
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Low sustaining
current
ISUSL
V
IN >VIL
(maximum)
22.5
—
25.0
—
30.0
—
50.0
—
70.0
—
µA
High sustaining
current
ISUSH
VIN <VIH
(minimum)
-22.5
—
-25.0
—
-30.0
—
-50.0
—
-70.0
—
µA
Low overdrive
current
IODL
0V < V
IN <VCCIO
—120
—160
—200
—300
—500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com