Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 149 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 149 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 145Page - Altera Corporation EP3SL70 Datasheet HTML 146Page - Altera Corporation EP3SL70 Datasheet HTML 147Page - Altera Corporation EP3SL70 Datasheet HTML 148Page - Altera Corporation EP3SL70 Datasheet HTML 149Page - Altera Corporation EP3SL70 Datasheet HTML 150Page - Altera Corporation EP3SL70 Datasheet HTML 151Page - Altera Corporation EP3SL70 Datasheet HTML 152Page - Altera Corporation EP3SL70 Datasheet HTML 153Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–139
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–77 lists the EP3SL150 column pins output timing parameters for differential
I/O standards.
Table 1–77. EP3SL150 Column Pins Output Timing Parameters (Part 1 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS_E_1R
—
GCLK
t
co
3.100
3.330
4.687 5.079 5.586 5.447 5.731 5.200 5.706 5.570 5.803
ns
GCLK
PLL
t
co
1.308
1.480
1.885 1.978 2.188 2.199 2.226 2.081 2.293 2.303 2.211
ns
LVDS_E_3R
—
GCLK
t
co
3.096
3.333
4.734 5.134 5.648 5.509 5.793 5.259 5.772 5.636 5.869
ns
GCLK
PLL
t
co
1.304
1.483
1.932 2.033 2.250 2.261 2.288 2.140 2.359 2.369 2.277
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.100
3.330
4.687 5.079 5.586 5.447 5.731 5.200 5.706 5.570 5.803
ns
GCLK
PLL
tco
1.308
1.480
1.885 1.978 2.188 2.199 2.226 2.081 2.293 2.303 2.211
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.096
3.333
4.734 5.134 5.648 5.509 5.793 5.259 5.772 5.636 5.869
ns
GCLK
PLL
t
co
1.304
1.483
1.932 2.033 2.250 2.261 2.288 2.140 2.359 2.369 2.277
ns
RSDS_E_1R
—
GCLK
t
co
3.100
3.330
4.687 5.079 5.586 5.447 5.731 5.200 5.706 5.570 5.803
ns
GCLK
PLL
t
co
1.308
1.480
1.885 1.978 2.188 2.199 2.226 2.081 2.293 2.303 2.211
ns
RSDS_E_3R
—
GCLK
t
co
3.096
3.333
4.734 5.134 5.648 5.509 5.793 5.259 5.772 5.636 5.869
ns
GCLK
PLL
t
co
1.304
1.483
1.932 2.033 2.250 2.261 2.288 2.140 2.359 2.369 2.277
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
4mA
GCLK
t
co
3.127
3.363
4.758 5.157 5.670 5.531 5.815 5.280 5.792 5.656 5.889
ns
GCLK
PLL
tco
1.335
1.513
1.956 2.056 2.272 2.283 2.310 2.161 2.379 2.389 2.297
ns
6mA
GCLK
t
co
3.117
3.353
4.748 5.146 5.660 5.521 5.805 5.269 5.782 5.646 5.879
ns
GCLK
PLL
t
co
1.325
1.503
1.946 2.045 2.262 2.273 2.300 2.150 2.369 2.379 2.287
ns
8mA
GCLK
t
co
3.117
3.353
4.751 5.150 5.664 5.525 5.809 5.274 5.787 5.651 5.884
ns
GCLK
PLL
t
co
1.325
1.503
1.949 2.049 2.266 2.277 2.304 2.155 2.374 2.384 2.292
ns
10mA
GCLK
t
co
3.110
3.347
4.744 5.144 5.658 5.519 5.803 5.267 5.781 5.645 5.878
ns
GCLK
PLL
t
co
1.318
1.497
1.942 2.043 2.260 2.271 2.298 2.148 2.368 2.378 2.286
ns
12mA
GCLK
t
co
3.109
3.345
4.741 5.141 5.655 5.516 5.800 5.264 5.777 5.641 5.874
ns
GCLK
PLL
tco
1.317
1.495
1.939 2.040 2.257 2.268 2.295 2.145 2.364 2.374 2.282
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
16mA
GCLK
t
co
3.131
3.367
4.762 5.161 5.674 5.535 5.819 5.284 5.797 5.661 5.894
ns
GCLK
PLL
t
co
1.339
1.517
1.960 2.060 2.276 2.287 2.314 2.165 2.384 2.394 2.302
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com