Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 164 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 164 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 160Page - Altera Corporation EP3SL70 Datasheet HTML 161Page - Altera Corporation EP3SL70 Datasheet HTML 162Page - Altera Corporation EP3SL70 Datasheet HTML 163Page - Altera Corporation EP3SL70 Datasheet HTML 164Page - Altera Corporation EP3SL70 Datasheet HTML 165Page - Altera Corporation EP3SL70 Datasheet HTML 166Page - Altera Corporation EP3SL70 Datasheet HTML 167Page - Altera Corporation EP3SL70 Datasheet HTML 168Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 341 page
background image
1–154
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
tco
3.868
3.868
5.701
5.947
6.513
6.370
6.775 5.947 6.513 6.370 6.775
ns
GCLK
PLL
t
co
4.267
4.267
6.336
6.587
7.217
7.045
7.532 6.587 7.217 7.045 7.532
ns
4mA
GCLK
tco
3.687
3.687
5.422
5.638
6.165
6.023
6.427 5.638 6.165 6.023 6.427
ns
GCLK
PLL
t
co
4.086
4.086
6.057
6.278
6.870
6.699
7.184 6.278 6.870 6.699 7.184
ns
6mA
GCLK
t
co
3.605
3.605
5.315
5.523
6.055
5.912
6.317 5.523 6.055 5.912 6.317
ns
GCLK
PLL
t
co
4.004
4.004
5.950
6.163
6.759
6.587
7.074 6.163 6.759 6.587 7.074
ns
8mA
GCLK
t
co
3.585
3.585
5.257
5.469
5.989
5.846
6.251 5.469 5.989 5.846 6.251
ns
GCLK
PLL
t
co
3.984
3.984
5.892
6.109
6.693
6.521
7.008 6.109 6.693 6.521 7.008
ns
10mA
GCLK
t
co
3.522
3.522
5.196
5.394
5.908
5.765
6.170 5.394 5.908 5.765 6.170
ns
GCLK
PLL
t
co
3.921
3.921
5.831
6.034
6.612
6.440
6.927 6.034 6.612 6.440 6.927
ns
12mA
GCLK
t
co
3.504
3.504
5.175
5.373
5.885
5.742
6.147 5.373 5.885 5.742 6.147
ns
GCLK
PLL
tco
3.903
3.903
5.810
6.013
6.589
6.417
6.904 6.013 6.589 6.417 6.904
ns
1.5 V
2mA
GCLK
t
co
3.814
3.814
5.630
5.879
6.451
6.308
6.713 5.879 6.451 6.308 6.713
ns
GCLK
PLL
tco
4.213
4.213
6.265
6.519
7.155
6.983
7.470 6.519 7.155 6.983 7.470
ns
4mA
GCLK
t
co
3.602
3.602
5.311
5.523
6.059
5.916
6.321 5.523 6.059 5.916 6.321
ns
GCLK
PLL
t
co
4.001
4.001
5.946
6.163
6.763
6.591
7.078 6.163 6.763 6.591 7.078
ns
6mA
GCLK
t
co
3.577
3.577
5.244
5.463
5.992
5.849
6.254 5.463 5.992 5.849 6.254
ns
GCLK
PLL
t
co
3.976
3.976
5.879
6.103
6.696
6.524
7.011 6.103 6.696 6.524 7.011
ns
8mA
GCLK
t
co
3.566
3.566
5.227
5.438
5.972
5.829
6.234 5.438 5.972 5.829 6.234
ns
GCLK
PLL
t
co
3.965
3.965
5.862
6.078
6.676
6.504
6.991 6.078 6.676 6.504 6.991
ns
10mA
GCLK
t
co
3.511
3.511
5.189
5.387
5.902
5.759
6.164 5.387 5.902 5.759 6.164
ns
GCLK
PLL
t
co
3.910
3.910
5.824
6.027
6.606
6.434
6.921 6.027 6.606 6.434 6.921
ns
12mA
GCLK
t
co
3.506
3.506
5.172
5.376
5.891
5.748
6.153 5.376 5.891 5.748 6.153
ns
GCLK
PLL
t
co
3.905
3.905
5.807
6.016
6.595
6.423
6.910 6.016 6.595 6.423 6.910
ns
Table 1–83. EP3SL200 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com