Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 182 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 182 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 178Page - Altera Corporation EP3SL70 Datasheet HTML 179Page - Altera Corporation EP3SL70 Datasheet HTML 180Page - Altera Corporation EP3SL70 Datasheet HTML 181Page - Altera Corporation EP3SL70 Datasheet HTML 182Page - Altera Corporation EP3SL70 Datasheet HTML 183Page - Altera Corporation EP3SL70 Datasheet HTML 184Page - Altera Corporation EP3SL70 Datasheet HTML 185Page - Altera Corporation EP3SL70 Datasheet HTML 186Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 341 page
background image
1–172
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.5-V
HSTL CLASS I
4mA
GCLK
tco
3.581
3.866
5.700 5.916 6.490 6.323 6.702 6.068
6.644
6.323
6.702
ns
GCLK
PLL
t
co
3.566
3.851
5.686 5.901 6.475 6.308 6.687 6.053
6.629
6.308
6.687
ns
6mA
GCLK
tco
3.555
3.840
5.681 5.898 6.472 6.305 6.684 6.050
6.627
6.305
6.684
ns
GCLK
PLL
t
co
3.535
3.820
5.658 5.874 6.449 6.282 6.661 6.027
6.603
6.282
6.661
ns
8mA
GCLK
t
co
3.532
3.816
5.654 5.871 6.445 6.278 6.657 6.023
6.600
6.278
6.657
ns
GCLK
PLL
t
co
3.537
3.820
5.645 5.859 6.431 6.264 6.643 6.010
6.584
6.264
6.643
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
4mA
GCLK
t
co
3.530
3.813
5.644 5.860 6.434 6.267 6.646 6.013
6.589
6.267
6.646
ns
GCLK
PLL
t
co
3.568
3.852
5.682 5.897 6.470 6.303 6.682 6.049
6.624
6.303
6.682
ns
6mA
GCLK
t
co
3.550
3.835
5.667 5.882 6.455 6.288 6.667 6.034
6.609
6.288
6.667
ns
GCLK
PLL
t
co
3.536
3.819
5.644 5.858 6.430 6.263 6.642 6.010
6.584
6.263
6.642
ns
8mA
GCLK
t
co
3.152
3.376
4.936 5.115 5.637 5.478 5.865 5.239
5.762
5.478
5.865
ns
GCLK
PLL
tco
3.536
3.812
5.604 5.814 6.381 6.214 6.593 5.962
6.531
6.214
6.593
ns
10mA
GCLK
t
co
3.518
3.802
5.642 5.860 6.435 6.268 6.647 6.013
6.592
6.268
6.647
ns
GCLK
PLL
tco
3.152
3.376
4.936 5.115 5.637 5.478 5.865 5.239
5.762
5.478
5.865
ns
12mA
GCLK
t
co
3.536
3.812
5.604 5.814 6.381 6.214 6.593 5.962
6.531
6.214
6.593
ns
GCLK
PLL
t
co
3.518
3.802
5.642 5.860 6.435 6.268 6.647 6.013
6.592
6.268
6.647
ns
16mA
GCLK
t
co
3.152
3.376
4.936 5.115 5.637 5.478 5.865 5.239
5.762
5.478
5.865
ns
GCLK
PLL
t
co
3.536
3.812
5.604 5.814 6.381 6.214 6.593 5.962
6.531
6.214
6.593
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
4mA
GCLK
t
co
3.518
3.802
5.642 5.860 6.435 6.268 6.647 6.013
6.592
6.268
6.647
ns
GCLK
PLL
t
co
3.562
3.845
5.678 5.894 6.468 6.301 6.680 6.046
6.621
6.301
6.680
ns
6mA
GCLK
t
co
3.548
3.831
5.665 5.881 6.455 6.288 6.667 6.032
6.608
6.288
6.667
ns
GCLK
PLL
t
co
3.544
3.827
5.663 5.881 6.456 6.289 6.668 6.032
6.610
6.289
6.668
ns
8mA
GCLK
t
co
3.560
3.842
5.664 5.878 6.450 6.283 6.662 6.029
6.603
6.283
6.662
ns
GCLK
PLL
t
co
3.549
3.832
5.660 5.874 6.447 6.280 6.659 6.026
6.600
6.280
6.659
ns
Table 1–88. EP3SL200 Row Pins Output Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com