Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 5 Page - Texas Instruments

  CC2541 Datasheet HTML 1Page - Texas Instruments CC2541 Datasheet HTML 2Page - Texas Instruments CC2541 Datasheet HTML 3Page - Texas Instruments CC2541 Datasheet HTML 4Page - Texas Instruments CC2541 Datasheet HTML 5Page - Texas Instruments CC2541 Datasheet HTML 6Page - Texas Instruments CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
GENERAL CHARACTERISTICS
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKE-UP AND TIMING
Digital regulator on, 16-MHz RCOSC and 32-MHz crystal
Power mode 1
→ Active
4
μs
oscillator off. Start-up of 16-MHz RCOSC
Digital regulator off, 16-MHz RCOSC and 32-MHz crystal
Power mode 2 or 3
→ Active
120
μs
oscillator off. Start-up of regulator and 16-MHz RCOSC
Crystal ESR = 16
Ω. Initially running on 16-MHz RCOSC,
500
μs
with 32-MHz XOSC OFF
Active
→ TX or RX
With 32-MHz XOSC initially on
180
μs
Proprietary auto mode
130
RX/TX turnaround
μs
BLE mode
150
RADIO PART
RF frequency range
Programmable in 1-MHz steps
2379
2496
MHz
2 Mbps, GFSK, 500-kHz deviation
2 Mbps, GFSK, 320-kHz deviation
1 Mbps, GFSK, 250-kHz deviation
Data rate and modulation format
1 Mbps, GFSK, 160-kHz deviation
500 kbps, MSK
250 kbps, GFSK, 160-kHz deviation
250 kbps, MSK
RF RECEIVE SECTION
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C, VDD = 3 V, fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2 Mbps, GFSK, 500-kHz Deviation, 0.1% BER
Receiver sensitivity
–90
dBm
Saturation
BER < 0.1%
–1
dBm
Co-channel rejection
Wanted signal at –67 dBm
–9
dB
±2 MHz offset, 0.1% BER, wanted signal –67 dBm
–2
In-band blocking rejection
±4 MHz offset, 0.1% BER, wanted signal –67 dBm
36
dB
±6 MHz or greater offset, 0.1% BER, wanted signal –67 dBm
41
Including both initial tolerance and drift. Sensitivity better than –67dBm,
Frequency error tolerance(1)
–300
300
kHz
250 byte payload. BER 0.1%
Symbol rate error
Maximum packet length. Sensitivity better than–67dBm, 250 byte
–120
120
ppm
tolerance(2)
payload. BER 0.1%
2 Mbps, GFSK, 320-kHz Deviation, 0.1% BER
Receiver sensitivity
–86
dBm
Saturation
BER < 0.1%
–7
dBm
Co-channel rejection
Wanted signal at –67 dBm
–12
dB
±2 MHz offset, 0.1% BER, wanted signal –67 dBm
–1
In-band blocking rejection
±4 MHz offset, 0.1% BER, wanted signal –67 dBm
34
dB
±6 MHz or greater offset, 0.1% BER, wanted signal –67 dBm
39
Including both initial tolerance and drift. Sensitivity better than –67 dBm,
Frequency error tolerance(1)
–300
300
kHz
250 byte payload. BER 0.1%
Symbol rate error
Maximum packet length. Sensitivity better than –67 dBm, 250 byte
–120
120
ppm
tolerance(2)
payload. BER 0.1%
(1)
Difference between center frequency of the received RF signal and local oscillator frequency
(2)
Difference between incoming symbol rate and the internally generated symbol rate
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com