Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 1 Page - Texas Instruments

  CC2541 Datasheet HTML 1Page - Texas Instruments CC2541 Datasheet HTML 2Page - Texas Instruments CC2541 Datasheet HTML 3Page - Texas Instruments CC2541 Datasheet HTML 4Page - Texas Instruments CC2541 Datasheet HTML 5Page - Texas Instruments CC2541 Datasheet HTML 6Page - Texas Instruments CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
Check for Samples: CC2541
1
FEATURES
23
•
RF
–
High-Performance and Low-Power 8051
Microcontroller Core With Code Prefetch
–
2.4-GHz Bluetooth low energy Compliant
and Proprietary RF System-on-Chip
–
In-System-Programmable Flash, 128- or
256-KB
–
Supports 250-kbps, 500-kbps, 1-Mbps, 2-
Mbps Data Rates
–
8-KB RAM With Retention in All Power
Modes
–
Excellent Link Budget, Enabling Long-
Range Applications Without External Front
–
Hardware Debug Support
End
–
Extensive Baseband Automation, Including
–
Programmable Output Power up to 0 dBm
Auto-Acknowledgment and Address
Decoding
–
Excellent Receiver Sensitivity (–94 dBm at
1 Mbps), Selectivity, and Blocking
–
Retention of All Relevant Registers in All
Performance
Power Modes
–
Suitable for Systems Targeting Compliance
•
Peripherals
With Worldwide Radio Frequency
–
Powerful Five-Channel DMA
Regulations: ETSI EN 300 328 and EN 300
–
General-Purpose Timers (One 16-Bit, Two
440 Class 2 (Europe), FCC CFR47 Part 15
8-Bit)
(US), and ARIB STD-T66 (Japan)
–
IR Generation Circuitry
•
Layout
–
32-kHz Sleep Timer With Capture
–
Few External Components
–
Accurate Digital RSSI Support
–
Reference Design Provided
–
Battery Monitor and Temperature Sensor
–
6-mm × 6-mm QFN-40 Package
–
12-Bit ADC With Eight Channels and
–
Pin-Compatible With CC2540 (When Not
Configurable Resolution
Using USB or I2C)
–
AES Security Coprocessor
•
Low Power
–
Two Powerful USARTs With Support for
–
Active-Mode RX Down to: 17.9 mA
Several Serial Protocols
–
Active-Mode TX (0 dBm): 18.2 mA
–
23 General-Purpose I/O Pins
–
Power Mode 1 (4-µs Wake-Up): 270 µA
(21 × 4 mA, 2 × 20 mA)
–
Power Mode 2 (Sleep Timer On): 1 µA
–
I2C interface
–
Power Mode 3 (External Interrupts): 0.5 µA
–
2 I/O Pins Have LED Driving Capabilities
–
Wide Supply-Voltage Range (2 V–3.6 V)
–
Watchdog Timer
•
TPS62730 Compatible Low Power in Active
–
Integrated High-Performance Comparator
Mode
•
Development Tools
–
RX Down to: 14.7 mA (3-V supply)
–
CC2541 Evaluation Module Kit
–
TX (0 dBm): 14.3 mA (3-V supply)
(CC2541EMK)
White space
–
CC2541 Mini Development Kit (CC2541DK-
White space
MINI)
White space
–
SmartRF™ Software
White space
–
IAR Embedded Workbench™ Available
White space
White space
•
Microcontroller
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a trademark of Bluetooth SIG, Inc..
3
ZigBee is a registered trademark of ZigBee Alliance.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541 TI-CC2541 Datasheet
742Kb / 33P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541 Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541 TI2-CC2541 Datasheet
1Mb / 37P
2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
REVISED JUNE 2013
CC2541 TI2-CC2541 Datasheet
1Mb / 36P
CC2541-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU for Automotive
JUNE 2014
More results

Similar Description - CC2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
List of Unclassifed Man...
NRF51822 ETC1-NRF51822 Datasheet
256Kb / 2P
Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
logo
Texas Instruments
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
2.4-GHz Bluetooth low energy System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
2.4-GHz Bluetooth low energy System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com