Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 12Page - Texas Instruments CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments CC2541 Datasheet HTML 16Page - Texas Instruments CC2541 Datasheet HTML 17Page - Texas Instruments CC2541 Datasheet HTML 18Page - Texas Instruments CC2541 Datasheet HTML 19Page - Texas Instruments CC2541 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
CC2541
RHA Package
(Top View)
NC
R_BIAS
AVDD4
AVDD1
AVDD2
RF_N
RF_P
AVDD3
XOSC_Q1
XOSC_Q2
AVDD5
SCL
SDA
GND
P1_5
P1_4
P1_3
P1_1
P1_2
DVDD2
30
1
29
2
28
3
27
4
26
5
25
6
24
22
7
9
23
21
8
10
18
20
33
31
17
19
34
32
16
35
15
36
14
37
13
38
12
39
11
40
GND
Ground Pad
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
DC CHARACTERISTICS
TA = 25°C, VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic-0 input voltage
0.5
V
Logic-1 input voltage
2.4
V
Logic-0 input current
Input equals 0 V
–50
50
nA
Logic-1 input current
Input equals VDD
–50
50
nA
I/O-pin pullup and pulldown resistors
20
k
Ω
Logic-0 output voltage, 4- mA pins
Output load 4 mA
0.5
V
Logic-1 output voltage, 4-mA pins
Output load 4 mA
2.5
V
Logic-0 output voltage, 20- mA pins
Output load 20 mA
0.5
V
Logic-1 output voltage, 20-mA pins
Output load 20 mA
2.5
V
DEVICE INFORMATION
PIN DESCRIPTIONS
The CC2541 pinout is shown in Figure 8 and a short description of the pins follows.
NOTE: The exposed ground pad must be connected to a solid ground plane, as this is the ground connection for the chip.
Figure 8. Pinout Top View
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com