Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments CC2541 Datasheet HTML 16Page - Texas Instruments CC2541 Datasheet HTML 17Page - Texas Instruments CC2541 Datasheet HTML 18Page - Texas Instruments CC2541 Datasheet HTML 19Page - Texas Instruments CC2541 Datasheet HTML 20Page - Texas Instruments CC2541 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
PIN DESCRIPTIONS
PIN NAME
PIN
PIN TYPE
DESCRIPTION
AVDD1
28
Power (analog)
2-V–3.6-V analog power-supply connection
AVDD2
27
Power (analog)
2-V–3.6-V analog power-supply connection
AVDD3
24
Power (analog)
2-V–3.6-V analog power-supply connection
AVDD4
29
Power (analog)
2-V–3.6-V analog power-supply connection
AVDD5
21
Power (analog)
2-V–3.6-V analog power-supply connection
AVDD6
31
Power (analog)
2-V–3.6-V analog power-supply connection
DCOUPL
40
Power (digital)
1.8-V digital power-supply decoupling. Do not use for supplying external circuits.
DVDD1
39
Power (digital)
2-V–3.6-V digital power-supply connection
DVDD2
10
Power (digital)
2-V–3.6-V digital power-supply connection
GND
1
Ground pin
Connect to GND
GND
—
Ground
The ground pad must be connected to a solid ground plane.
NC
4
Unused pins
Not connected
P0_0
19
Digital I/O
Port 0.0
P0_1
18
Digital I/O
Port 0.1
P0_2
17
Digital I/O
Port 0.2
P0_3
16
Digital I/O
Port 0.3
P0_4
15
Digital I/O
Port 0.4
P0_5
14
Digital I/O
Port 0.5
P0_6
13
Digital I/O
Port 0.6
P0_7
12
Digital I/O
Port 0.7
P1_0
11
Digital I/O
Port 1.0 – 20-mA drive capability
P1_1
9
Digital I/O
Port 1.1 – 20-mA drive capability
P1_2
8
Digital I/O
Port 1.2
P1_3
7
Digital I/O
Port 1.3
P1_4
6
Digital I/O
Port 1.4
P1_5
5
Digital I/O
Port 1.5
P1_6
38
Digital I/O
Port 1.6
P1_7
37
Digital I/O
Port 1.7
P2_0
36
Digital I/O
Port 2.0
P2_1/DD
35
Digital I/O
Port 2.1 / debug data
P2_2/DC
34
Digital I/O
Port 2.2 / debug clock
P2_3/
33
Digital I/O, Analog I/O
Port 2.3/32.768 kHz XOSC
OSC32K_Q2
P2_4/
32
Digital I/O, Analog I/O
Port 2.4/32.768 kHz XOSC
OSC32K_Q1
RBIAS
30
Analog I/O
External precision bias resistor for reference current
RESET_N
20
Digital input
Reset, active-low
RF_N
26
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal from PA during TX
RF_P
25
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal from PA during TX
SCL
2
I2C clock or digital I/O
Can be used as I2C clock pin or digital I/O. Leave floating if not used. If grounded
disable pull up
SDA
3
I2C clock or digital I/O
Can be used as I2C data pin or digital I/O. Leave floating if not used. If grounded
disable pull up
XOSC_Q1
22
Analog I/O
32-MHz crystal oscillator pin 1 or external clock input
XOSC_Q2
23
Analog I/O
32-MHz crystal oscillator pin 2
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com