Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 20Page - Texas Instruments CC2541 Datasheet HTML 21Page - Texas Instruments CC2541 Datasheet HTML 22Page - Texas Instruments CC2541 Datasheet HTML 23Page - Texas Instruments CC2541 Datasheet HTML 24Page - Texas Instruments CC2541 Datasheet HTML 25Page - Texas Instruments CC2541 Datasheet HTML 26Page - Texas Instruments CC2541 Datasheet HTML 27Page - Texas Instruments CC2541 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
GND
SCL
SDA
NC
P1_5
DVDD2
P1_1
P1_2
P1_3
P1_4
2-V to 3.6-V Power Supply
R301
XTAL1
C221
C231
C321
C331
C401
32-kHz Crystal
(1)
CC2541
DIE ATTACH PAD
RBIAS
AVDD4
AVDD1
AVDD2
RF_N
AVDD5
XOSC_Q1
XOSC_Q2
AVDD3
RF_P
Antenna
(50
)
W
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
Power Supply Decoupling Capacitors are Not Shown
Digital I/O Not Connected
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
APPLICATION INFORMATION
Few external components are required for the operation of the CC2541. A typical application circuit is shown in
Figure 22.
(1) 32-kHz crystal is mandatory when running the BLE protocol stack in low-power modes, except if the link layer is in
the standby state (Vol. 6 Part B Section 1.1 in [1]).
NOTE: Different antenna alternatives will be provided as reference designs.
Figure 22. CC2541 Application Circuit
Table 3. Overview of External Components (Excluding Supply Decoupling Capacitors)
Component
Description
Value
C401
Decoupling capacitor for the internal 1.8-V digital voltage regulator
1 µF
R301
Precision resistor ±1%, used for internal biasing
56 k
Ω
Input/Output Matching
When using an unbalanced antenna such as a monopole, a balun should be used to optimize performance. The
balun can be implemented using low-cost discrete inductors and capacitors. See reference design, CC2541EM,
for recommended balun.
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com