Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 3Page - Texas Instruments CC2541 Datasheet HTML 4Page - Texas Instruments CC2541 Datasheet HTML 5Page - Texas Instruments CC2541 Datasheet HTML 6Page - Texas Instruments CC2541 Datasheet HTML 7Page - Texas Instruments CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
RF RECEIVE SECTION (continued)
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C, VDD = 3 V, fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
250 kbps, GFSK, 160 kHz Deviation, 0.1% BER
Receiver sensitivity (8)
–98
dBm
Saturation
BER < 0.1%
0
dBm
Co-channel rejection
Wanted signal -67 dBm
–3
dB
±1-MHz offset, 0.1% BER, wanted signal –67 dBm
23
In-band blocking rejection
±2-MHz offset, 0.1% BER, wanted signal –67 dBm
28
dB
>2-MHz offset, 0.1% BER, wanted signal –67 dBm
29
Including both initial tolerance and drift. Sensitivity better than –67 dBm,
Frequency error tolerance(9)
–150
150
kHz
250-byte payload. BER 0.1%
Symbol rate error
Maximum packet length. Sensitivity better than –67 dBm, 250-byte
–80
80
ppm
tolerance(10)
payload. BER 0.1%
250 kbps, MSK, 0.1% BER
Receiver sensitivity (11)
–99
dBm
Saturation
BER < 0.1%
0
dBm
Co-channel rejection
Wanted signal -67 dBm
–5
dB
±1-MHz offset, 0.1% BER, wanted signal –67 dBm
20
In-band blocking rejection
±2-MHz offset, 0.1% BER, wanted signal –67 dBm
29
dB
>2-MHz offset, 0.1% BER, wanted signal –67 dBm
30
Including both initial tolerance and drift. Sensitivity better than –67 dBm,
Frequency error tolerance
–150
150
kHz
250-byte payload. BER 0.1%
Maximum packet length. Sensitivity better than –67 dBm, 250-byte
Symbol rate error tolerance
–80
80
ppm
payload. BER 0.1%
ALL RATES/FORMATS
Spurious emission in RX.
f < 1 GHz
–67
dBm
Conducted measurement
Spurious emission in RX.
f > 1 GHz
–57
dBm
Conducted measurement
(8)
Results based on standard-gain mode.
(9)
Difference between center frequency of the received RF signal and local oscillator frequency
(10) Difference between incoming symbol rate and the internally generated symbol rate
(11) Results based on high-gain mode.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com