Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments CC2541 Datasheet HTML 12Page - Texas Instruments CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments CC2541 Datasheet HTML 16Page - Texas Instruments CC2541 Datasheet HTML 17Page - Texas Instruments CC2541 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Time
DEBUG_ CLK
P2_2
t
1
t
2
1/f
clk_dbg
T0436-01
T0479-01
SCK
SSN
MOSI
MISO
D0
D1
X
D0
X
t
2
t
3
X
t
8
t
10
t
11
t
9
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
Figure 4. SPI Slave AC Characteristics
DEBUG INTERFACE AC CHARACTERISTICS
TA = –40°C to 85°C, VDD = 2 V to 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk_dbg
Debug clock frequency (see Figure 5)
12
MHz
t1
Allowed high pulse on clock (see Figure 5)
35
ns
t2
Allowed low pulse on clock (see Figure 5)
35
ns
EXT_RESET_N low to first falling edge on debug clock (see
t3
167
ns
Figure 7)
t4
Falling edge on clock to EXT_RESET_N high (see Figure 7)
83
ns
t5
EXT_RESET_N high to first debug command (see Figure 7)
83
ns
t6
Debug data setup (see Figure 6)
2
ns
t7
Debug data hold (see Figure 6)
4
ns
t8
Clock-to-data delay (see Figure 6)
Load = 10 pF
30
ns
Figure 5. Debug Clock – Basic Timing
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com