Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 18Page - Texas Instruments CC2541 Datasheet HTML 19Page - Texas Instruments CC2541 Datasheet HTML 20Page - Texas Instruments CC2541 Datasheet HTML 21Page - Texas Instruments CC2541 Datasheet HTML 22Page - Texas Instruments CC2541 Datasheet HTML 23Page - Texas Instruments CC2541 Datasheet HTML 24Page - Texas Instruments CC2541 Datasheet HTML 25Page - Texas Instruments CC2541 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
−92
−90
−88
−86
−84
2400
2410
2420
2430
2440
2450
2460
2470
2480
Frequency (MHz)
1 Mbps GFSK 250 kHz
Standard Gain Setting
TA = 25°C
VCC = 3 V
G009
−4
−2
0
2
4
2400
2410
2420
2430
2440
2450
2460
2470
2480
Frequency (MHz)
TX Power Setting = 0 dBm
TA = 25°C
VCC = 3 V
G010
−92
−90
−88
−86
−84
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)
1 Mbps GFSK 250 kHz
Standard Gain Setting
TA = 25°C
G007
−4
−2
0
2
4
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)
TX Power Setting = 0 dBm
TA = 25°C
G008
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
RX SENSITIVITY
TX POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 16.
Figure 17.
RX SENSITIVITY
TX POWER
vs
vs
FREQUENCY
FREQUENCY
Figure 18.
Figure 19.
Table 1. Output Power(1)(2)
TXPOWER Setting
Typical Output Power (dBm)
0xE1
0
0xD1
–2
0xC1
–4
0xB1
–6
0xA1
–8
0x91
–10
0x81
–12
0x71
–14
0x61
–16
0x51
–18
0x41
–20
0x31
–23
(1)
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz. See SWRU191 for
recommended register settings.
(2)
1 Mbsp, GFSK, 250-kHz deviation, Bluetooth™ low energy mode, 1% BER
22
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com