Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 35Page - Texas Instruments LM27403 Datasheet HTML 36Page - Texas Instruments LM27403 Datasheet HTML 37Page - Texas Instruments LM27403 Datasheet HTML 38Page - Texas Instruments LM27403 Datasheet HTML 39Page - Texas Instruments LM27403 Datasheet HTML 40Page - Texas Instruments LM27403 Datasheet HTML 41Page - Texas Instruments LM27403 Datasheet HTML 42Page - Texas Instruments LM27403 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
18
17
16
15
14
13
24
23
CBOOT
HG
SW
LG
VDD
GND
SS/TRACK
RS
FB
COMP
FADJ
SYNC
VIN
GND
LM27403SQ
VOUT1
VIN
VIN
D+
D±
VDD
CBYP
CIN
CBOOT
Q1
Q2
RS
CS
RISET
RCS
CCS
CVIN
RVIN
RUV1
RUV2
RFADJ
RFB2
RC1
RC2
ROTP
CSS
CC3
CC1
CVDD
QT
2N3904
COTP
DBOOT
CC2
82.5 k
2.2
1 F
4.7 F
2 k
52.3 k
1.05 k
22 F
L1
4.7 H
7 m
100 pF
47 pF
1.2 nF
47 nF
0.22 F
20 k
10.5 k
10.5 k
3.65 k
3 x
22 F
4.7 nF
22.1 k
2 k
0.1 F
40V 0.2A
0.1 F
RFB1
20 k
U1
RBOOT
10
CBULK
180 F
VOUT1 = 12V
GND
1
2
3
4
5
6
18
17
16
15
14
13
OUT
OUT
OUT(FB)
SET
FB
GND
IN
IN
IN(CP)
CP
EN
GND(CP)
LP38798SD-ADJ
U2
CCP
10 nF
RT
73.5 k
RB
10 k
CV2
1 F
CLDO_IN
1 F
VOUT1
VOUT2 = 10V
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
DESIGN 4 - Regulated 12-V Rail with LDO Low-Noise Auxiliary Output for RF Power
The schematic diagram of a 280-kHz, 12-V output, 10-A buck regulator for RF power applications is given in
Figure 45(1). A 10-
Ω resistor in series with CBOOT is used to slow the turn-on transition of the high-side MOSFET,
reducing the spike amplitude and ringing of the SW node waveform and minimizing the possibility of Cdv/dt-
induced shoot-through of the low-side MOSFET. If needed, place an RC snubber (for example, 2.2
Ω and 1 nF)
close to the SW node and GND(2). An auxiliary 10-V, 800-mA rail to power noise-sensitive circuits is available
using the LP38798 ultra-low noise LDO as a post-regulator. The internal pullup of the LP38798's EN pin
facilitates direct connection to the LM27403's PGOOD for sequential startup control.
Figure 45. Application Circuit 4 with VIN = 13 V to 20 V (VIN(nom) = 18 V), VOUT1 = 12 V, IOUT1(max) = 10 A, FSW
= 280 kHz, VOUT2 = 10 V, IOUT2(max) = 0.8 A
Table 10. List of Materials for Design 4
REFERENCE
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
DESIGNATOR
CIN
3
22 µF, 25 V, X5R, 1210 ceramic
Taiyo Yuden
TMK325BJ226MM-T
CBYP
1
22 µF, 16 V, X7R, 1210 ceramic
Taiyo Yuden
EMK325B7226MM-T
CBULK
1
180 µF, 16 V, 22 m
Ω, 3.3 Arms, C6, OSCON
Panasonic
16SVPF180M
L1
1
4.7 µH, 15 A, 7 m
Ω, flat wire high current
Wurth
7443551470
Q1
1
30 V, high-side MOSFET
Texas Instruments
CSD17309Q3
Q2
1
30 V, low-side MOSFET
Infineon
BSC011NE3LS
Ultra-Low Noise, High PSRR LDO for RF/Analog
U2
1
Texas Instruments
LP38798SD-ADJ
Circuits, 4-mm x 4-mm WSON-12
(1)
These design examples are provided to showcase the LM27403 in numerous applications. Depending on the impedance of the input
bus, an electrolytic capacitor may be required at the input to ensure stability.
(2)
Kam, K. W. et. al., "EMI Analysis Methods for Synchronous Buck Converter EMI Root Cause Analysis," IEEE International Symposium
on Electromagnetic Compatibility, 2008.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com