Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 5Page - Texas Instruments LM27403 Datasheet HTML 6Page - Texas Instruments LM27403 Datasheet HTML 7Page - Texas Instruments LM27403 Datasheet HTML 8Page - Texas Instruments LM27403 Datasheet HTML 9Page - Texas Instruments LM27403 Datasheet HTML 10Page - Texas Instruments LM27403 Datasheet HTML 11Page - Texas Instruments LM27403 Datasheet HTML 12Page - Texas Instruments LM27403 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
1.19
1.195
1.2
1.205
1.21
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C005
3.5
3.6
3.7
3.8
3.9
4
-50
-25
0
25
50
75
100
125
Temperature (
SC)
C006
1.19
1.195
1.2
1.205
1.21
0
5
10
15
20
25
Output Current (A)
C003
1.19
1.195
1.2
1.205
1.21
0
2
4
6
8
10
12
14
16
18
20
Input Voltage (V)
C005
70
75
80
85
90
95
100
0
5
10
15
20
25
Output Current (A)
VIN = 3.3V
VIN = 5V
VIN = 12V
VIN = 20V
C001
70
75
80
85
90
95
100
0
5
10
15
20
25
Output Current (A)
VOUT = 0.8V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5.3V
C002
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS
Unless otherwise stated, all datasheet curves were recorded using the circuit and powertrain designated Design 1 in the
DESIGN EXAMPLES section with input and output voltages of 12 V and 1.2 V, respectively.
Figure 2. Efficiency Plot, VOUT = 1.2 V
Figure 3. Efficiency Plot, VIN = 12 V
Figure 4. Load Regulation
Figure 5. Line Regulation
Figure 6. Temperature Regulation
Figure 7. Quiescent Current vs. Temperature, non switching
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com