Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 17Page - Texas Instruments LM27403 Datasheet HTML 18Page - Texas Instruments LM27403 Datasheet HTML 19Page - Texas Instruments LM27403 Datasheet HTML 20Page - Texas Instruments LM27403 Datasheet HTML 21Page - Texas Instruments LM27403 Datasheet HTML 22Page - Texas Instruments LM27403 Datasheet HTML 23Page - Texas Instruments LM27403 Datasheet HTML 24Page - Texas Instruments LM27403 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
17
16
15
24
23
HG
SW
LG
GND
CS±
CS+
VIN
VOUT
GND
LM27403
L
RS
CS
RISET
RCS
CCS
Rdcr
QT
13
9
10
D±
D+
Cd
ICS(T)
12
VIN
+
±
CL
Comparator
+
-
+
L
dcr
O CP
ISET
CS
i
R
I
2
R
I
'
§
·

¨
¸
©
¹
VIN
L
RS
CS
Rdcr
VOUT
GND
To Load
VIN
VOUT
GND
L
RISNS
To Load
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
Figure 31. Current Sensing using Inductor DCR
Figure 32. Current Sensing using Shunt Resistor
The current limit circuit arrangement is portrayed in Figure 33. The current limit setpoint is set by a single
external resistor, RISET, connected from the CS– pin to the output voltage terminal. The current sourced from
CS– in combination with this series resistance sets the reference voltage to the current limit comparator, as
governed by Equation 8.
where
•
ICS is the CS– pin current, 9.9 µA typically at 25°C
•
IOCP is the dc overcurrent protection setpoint, and
•
ΔiL is the peak-to-peak inductor ripple current.
(8)
Inductor DCR temperature compensation is automatically provided using the remote-diode sensed temperature.
The temperature coefficient (TC) of the inductor winding resistance is typically 3720 ppm/°C. The current-limit
setpoint is maintained essentially constant over temperature by the slope of CS– pin current over temperature.
An increase in sensed DCR voltage associated with an increase of inductor winding temperature is matched by a
concomitant increase in current limit comparator reference voltage. The inductor temperature is measured by
placing an external diode-connected 2N3904 discrete NPN transistor, designated QT in Figure 33, in close
proximity to the inductor (see the TEMPERATURE SENSING: D+ and D– section for more details).
Figure 33. Current-Limit Setpoint Defined by Current Source ICS and Resistor RISET
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com