Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 26Page - Texas Instruments LM27403 Datasheet HTML 27Page - Texas Instruments LM27403 Datasheet HTML 28Page - Texas Instruments LM27403 Datasheet HTML 29Page - Texas Instruments LM27403 Datasheet HTML 30Page - Texas Instruments LM27403 Datasheet HTML 31Page - Texas Instruments LM27403 Datasheet HTML 32Page - Texas Instruments LM27403 Datasheet HTML 33Page - Texas Instruments LM27403 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
2
o
OUT
2
2
OUT
overshoot
OUT
I L
C
(V
V
)
V
'
t
 '

load current, io(t)
Io1
Io2
Io
tramp
Io2
Io1
Io
inductor current, iL
inductor current, iL
load current, io(t)
QC
QC
o
o
ramp
di
I
dt
t


IN
OUT
L
V
V
di
dt
L

OUT
L
V
di
dt
L

LM27403
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
Figure 39. Load Transient Response Representation Showing COUT Charge Surplus Or Deficit.
In a typical regulator application of 12-V input to low output voltage (say 1.2 V), it should be recognized that the
load-off transient represents worst-case. In that case, the steady-state duty cycle is approximately 10% and the
large-signal inductor current slew rate when the duty cycle collapses to zero is approximately –VOUT/L. Compared
to a load-on transient, the inductor current takes much longer to transition to the required level. The surplus of
charge in the output capacitor causes the output voltage to significantly overshoot. In fact, to deplete this excess
charge from the output capacitor as quickly as possible, the inductor current must ramp below its nominal level
following the load step. In this scenario, a large output capacitance can be advantageously employed to absorb
the excess charge and rein in the voltage overshoot.
To meet the dynamic specification of output voltage overshoot during such a load-off transient (denoted as
ΔVovershoot with step reduction in output current given by ΔIo), the output capacitance should be larger than
(12)
The ESR of a capacitor is provided in the manufacturer’s datasheet either explicitly as a specification or implicitly
in the impedance vs. frequency curve. Depending on type, size and construction, electrolytic capacitors have
significant ESR, 5 m
Ω and above, and relatively large ESL, 5 nH to 20 nH. PCB traces contribute some ESR and
ESL as well. Ceramic output capacitors, on the other hand, are such that the impedances related to the ESR and
ESL are small at the switching frequency, and the capacitive impedance dominates. However, depending on
package and voltage rating of the ceramic capacitor, the effective capacitance can drop quite significantly with
applied voltage and operating temperature.
Ignoring the ESR term in Equation 11 gives a quick estimation of the minimum ceramic capacitance necessary to
meet the output ripple specification. One to four 100-µF, 6.3-V, X5R capacitors in 1206 or 1210 footprint is a
common choice. Use Equation 12 to quantify if additional capacitance is necessary to meet the load-off transient
overshoot specification.
A composite implementation of ceramic and electrolytic capacitors highlights the rationale of paralleling
capacitors of dissimilar chemistries yet complementary performance. The frequency response of each capacitor
is accretive in that each capacitor provides desirable performance over a certain portion of the frequency range
of interest. While the ceramic provides excellent mid- and high-frequency decoupling characteristics with its low
ESR and ESL to minimize the switching frequency output ripple, the electrolytic device with its large bulk
capacitance provides low-frequency energy storage to cope with load-transient demands.
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com