Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 9Page - Texas Instruments LM27403 Datasheet HTML 10Page - Texas Instruments LM27403 Datasheet HTML 11Page - Texas Instruments LM27403 Datasheet HTML 12Page - Texas Instruments LM27403 Datasheet HTML 13Page - Texas Instruments LM27403 Datasheet HTML 14Page - Texas Instruments LM27403 Datasheet HTML 15Page - Texas Instruments LM27403 Datasheet HTML 16Page - Texas Instruments LM27403 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
OVERVIEW
APPLICATION AND ARCHITECTURE
The distributed power supply architecture, pervasive in myriad applications including communications
infrastructure equipment and computing systems, uses an intermediate bus and multiple downstream DC-DC
regulators dedicated and proximate to each “point-of-load.” The ASICs, FPGAs, and microprocessors that
comprise these loads have supply voltage requirements whose levels are decreasing on an absolute basis and
whose tolerance bands are decreasing on a percentage basis. The hallmarks of point-of-load (POL) DC-DC
regulators are efficiency, size, load transient response, and cost.
To this end, the LM27403 is a feature-rich, easy-to-use, synchronous PWM DC-DC step-down controller capable
of providing an ultrahigh current output for demanding, high power density POL applications. An input voltage
range of 3 V to 20 V is compatible with a wide range of intermediate bus system rails and battery chemistries;
especially 3.3-V, 5-V, and 12-V inputs. The output voltage is adjustable from 0.6 V to as high as 93% of the input
voltage, with better than ±1% feedback system regulation accuracy over the full junction temperature range. With
an accurate, adjustable and thermally-compensated inductor DCR based current limit setpoint, ferrite and
composite core inductors with low DCR and small footprint can be specified to maximize efficiency and reduce
power loss. High-current gate drivers with adaptive deadtime are used for the high-side and low-side MOSFETs
to provide further efficiency gains.
The LM27403 employs a voltage-mode control loop with output voltage remote sense, input voltage feedforward
modulation, and a high gain-bandwidth error amplifier to accurately regulate the output voltage over substantial
load, line, and temperature ranges. The switching frequency is programmable between 200 kHz and 1.2 MHz via
a resistor or an external synchronization signal. The LM27403 is available in a 4-mm × 4-mm, thermally-
enhanced, 24-lead WQFN PowerPad™ package. This device offers high levels of integration by including
MOSFET gate drivers, a low dropout (LDO) bias supply linear regulator, and comprehensive fault protection
features to enable highly-flexible, reliable, energy-efficient, and high power density regulator solutions.
Multiple
fault
conditions
are
accommodated,
including
overvoltage,
undervoltage,
overcurrent,
and
overtemperature. To improve overcurrent setpoint accuracy and enable easier filter inductor selection, the
LM27403 thermally compensates for the temperature coefficient (TC) of the inductor's winding resistance by
sensing the inductor temperature with an external NPN transistor configured as a thermal diode. The same
thermal diode also monitors the PCB temperature to initiate a thermal shutdown in the event that the sensed
temperature exceeds the programmed thermal shutdown setpoint.
DESIGN AND IMPLEMENTATION
To expedite and streamline the process of designing of a LM27403-based regulator for a given application, a
comprehensive LM27403 design tool is available for download. This is complimented by the availability of two
LM27403 evaluation modules (EVMs) as well as numerous LM27403 designs populated in TI's PowerLab™
reference design library. In addition, five designs are provided in the DESIGN EXAMPLES section of this
datasheet. The LM27403 is also Webench®-enabled.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com