Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 29Page - Texas Instruments LM27403 Datasheet HTML 30Page - Texas Instruments LM27403 Datasheet HTML 31Page - Texas Instruments LM27403 Datasheet HTML 32Page - Texas Instruments LM27403 Datasheet HTML 33Page - Texas Instruments LM27403 Datasheet HTML 34Page - Texas Instruments LM27403 Datasheet HTML 35Page - Texas Instruments LM27403 Datasheet HTML 36Page - Texas Instruments LM27403 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
o
L
DAMP
L
R
Z
z2
FB2
C2
C3
1
(R
R
)C
Z

p2
C1
C1
C2
C1
C2
1
1
R (C
C
)
R C
Z
#
o
o
o
ESR
L
o
o
ESR
DAMP
1
1
L C
1 R
R
L C
1 R
R
Z
#
§
·

¨
¸

©
¹
ESR
ESR
o
1
R
C
Z
p1
C2
C3
1
R C
Z
z1
C1
C1
1
R C
Z
FB
COMP
VIN
Vo
GND
Adaptive
Gate
Driver
RFB2
RC2
CC3
CC2
RFB1
RC1
CC1
VREF
Lo
D
PWM
Comparator
PWM Ramp
p1
z1
RESR
p2
z2
o
ESR
Modulator
Compensator
Power Stage
RL
Io
+
+
VRAMP
Error
Amp
L
RDAMP
Co
Qlow-side
Qhigh-side
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
CONTROL LOOP COMPENSATION
The poles and zeros inherent to the power stage and compensator are respectively illustrated by red and blue
dashed rings in the schematic embedded in Table 4.
The compensation network typically employed with voltage-mode control is a type-III circuit with three poles and
two zeros. One compensator pole is located at the origin to realize high DC gain. The normal compensation
strategy then is to use two compensator zeros to counteract the LC double pole, one compensator pole located
to nullify the output capacitor ESR zero, with the remaining compensator pole located at one-half switching
frequency to attenuate high frequency noise. Finally, a resistor divider network to FB determines the desired
output voltage. Note that the lower feedback resistor, RFB2, has no impact on the control loop from an ac
standpoint since the FB node is the input to an error amplifier and is effectively at ac ground. Hence, the control
loop is designed irrespective of output voltage level. The proviso here is the necessary output capacitance
derating with bias voltage and temperature.
Table 4. Regulator Poles and Zeros
Power Stage Poles
Power Stage Zeros
Compensator Poles
Compensator Zeros
(1)
(2)
(1)
RESR represents the ESR of output capacitor Co.
(2)
RDAMP = D*RDS(on)high-side + (1–D)*RDS(on)low-side + Rdcr, shown as a lumped element in the schematic, represents the effective series
damping resistance.
The small-signal open-loop response of a buck regulator is the product of modulator, power train and
compensator transfer functions. The power stage transfer function can be represented as a complex pole pair
associated with the output LC filter and a zero related to the output capacitor's ESR. The dc (and low frequency)
gain of the modulator and power stage is VIN/VRAMP. Representing the gain from COMP to the average voltage at
the input of the LC filter, this is held essentially constant by the LM27403's PWM line feedforward feature at 9
V/V or 19 dB.
Complete expressions for small-signal frequency analysis are presented in Table 5. The transfer functions are
denoted in normalized form. While the loop gain is of primary importance, a regulator is not specified directly by
its loop gain but by its performance related characteristics, namely closed-loop output impedance and audio
susceptibility.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com