Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 3 Page - Texas Instruments

  LM27403 Datasheet HTML 1Page - Texas Instruments LM27403 Datasheet HTML 2Page - Texas Instruments LM27403 Datasheet HTML 3Page - Texas Instruments LM27403 Datasheet HTML 4Page - Texas Instruments LM27403 Datasheet HTML 5Page - Texas Instruments LM27403 Datasheet HTML 6Page - Texas Instruments LM27403 Datasheet HTML 7Page - Texas Instruments LM27403 Datasheet HTML 8Page - Texas Instruments LM27403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
THERMAL INFORMATION
LM27403
THERMAL METRIC(1)
RTW (WQFN)
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
32.7
θJCtop
Junction-to-case (top) thermal resistance
31.2
θJB
Junction-to-board thermal resistance
11.2
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
11.2
θJCbot
Junction-to-case (bottom) thermal resistance
1.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
(1).
MIN
NOM
MAX
UNIT
VIN tied to VDD
3.0
5.5
V
VIN
Input voltage(2)
VIN
3.0
20
V
SW
SW pin voltage(3)
–0.3
20
V
VDD
VDD pin voltage
2.6
4.7
5.5
V
PGOOD
PGOOD pin voltage
0
5.5
V
UVLO/EN
UVLO/EN pin voltage
0
min (VVIN, 5.5)
V
SS/TRACK
SS/TRACK pin voltage
0
VVDD
V
SYNC
SYNC pin voltage
0
5.5
V
RS
RS pin voltage
–0.1
0.1
V
TJ
Operating junction temperature
–40
+125
°C
TA
Operating free-air temperature
–40
+125
°C
(1)
Recommended Operating Conditions are conditions under which operation of the device is intended to be functional but does not
guarantee performance limits.
(2)
VDD is the output of the internal linear regulator bias supply. Under normal operating conditions, where VIN is greater than 5.5 V, VDD
must not be tied to any external voltage source. In an application where VIN is between 3.0 V and 5.5 V, connecting VIN to VDD
maximizes the bias supply rail voltage.
(3)
Given the body diode of the low-side MOSFET and the parasitic inductance, the SW voltage should not exceed –3 V in a real
application.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com