Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 12Page - Texas Instruments LM27403 Datasheet HTML 13Page - Texas Instruments LM27403 Datasheet HTML 14Page - Texas Instruments LM27403 Datasheet HTML 15Page - Texas Instruments LM27403 Datasheet HTML 16Page - Texas Instruments LM27403 Datasheet HTML 17Page - Texas Instruments LM27403 Datasheet HTML 18Page - Texas Instruments LM27403 Datasheet HTML 19Page - Texas Instruments LM27403 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
+
VIN
VIN
8.7 A
1.8 A
1.15V
UVLO/EN
UVLO
Comparator
RUV1
RUV2
LM27403
0.985V
VIN
VOUT
VDD
VIN
VDD
startup time
VIN = 12 V
VOUT = 1.2 V
IOUT = 0 A
FSW = 300 kHz
LM27403
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
Figure 26. Typical Startup Waveforms of VDD and VOUT with Controlled Ramp Rates
PRECISION ENABLE: UVLO/EN
The UVLO/EN pin represents a precision analog enable function for user-defined UVLO power-on input voltage
levels and to toggle the output on and off. The UVLO/EN pin is essentially a comparator-based input referenced
to a flat bandgap voltage with a fixed hysteresis of 165 mV.
The UVLO/EN pin has an internal pullup current of 1.8 µA, as shown in Figure 27. There is also a low IQ
shutdown mode when UVLO/EN is effectively pulled below a base-emitter voltage drop (approximately 0.7 V at
room temperature). This mode shuts down the bias currents of the LM27403, but the UVLO/EN pullup current
source is still available. If UVLO/EN is pulled below this hard shutdown threshold, the internal LDO regulator
powers off and the VDD rail collapses.
Figure 27. Precision UVLO/Enable Circuit with Hysteretic Comparator and Pullup Current Sources
When the precision enable threshold of 1.15 V is exceeded, the UVLO/EN pullup current source increases from
1.8 µA to 10.5 µA (that is, an 8.7-µA hysteresis current). Use this feature to create a customizable UVLO
hysteresis (above the standard 165-mV fixed voltage hysteresis) based on the resistor divider from VIN to turn on
and off the LM27403 at the required input voltage levels. Also, use a capacitor from the UVLO/EN pin to GND to
implement a fixed time delay in power systems with timed sequencing requirements.
Figure 28 shows an example using the circuit in Figure 24 where the input voltage is ramping from 0 V to 10 V in
100 ms. Here, the UVLO resistors, RUV1 and RUV2, are respectively set to 47.5 kΩ and 10 kΩ. Given these
resistances, the typical input UVLO turn-on and turn-off levels are 6.5 V and 5.2 V, respectively. The UVLO/EN
pin voltage steps at the rising and falling thresholds are defined by the UVLO/EN pin current hysteresis.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com