Electronic Components Datasheet Search
  English  ▼

X  

LM27403 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM27403
Description  Synchronous Buck Controller with Temperature-Compensated, Inductor-DCR-Based Overcurrent Protection and Programmable Thermal Shutdown
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27403 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM27403 Datasheet HTML 23Page - Texas Instruments LM27403 Datasheet HTML 24Page - Texas Instruments LM27403 Datasheet HTML 25Page - Texas Instruments LM27403 Datasheet HTML 26Page - Texas Instruments LM27403 Datasheet HTML 27Page - Texas Instruments LM27403 Datasheet HTML 28Page - Texas Instruments LM27403 Datasheet HTML 29Page - Texas Instruments LM27403 Datasheet HTML 30Page - Texas Instruments LM27403 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
LM27403
www.ti.com
SNVS896 A – AUGUST 2013 – REVISED SEPTEMBER 2013
To prevent momentary glitches to the PGOOD pin, a 20-µs deglitch filter is built into the LM27403 to prevent
multiple triggerings of the flag. Note that the primary objective of PGOOD is to signal to the system that the soft-
start period has expired and the output voltage is in regulation for loads within the rated limit. This can be used
for sequencing downstream regulators, an example of which is shown schematically in Figure 43.
During soft-start operation, the PGOOD flag is effectively a logic AND of two signals:
1. The internal soft-start counter (signals the internal soft-start-done flag when the count reaches 128).
2. The UVT comparator output. Note that the UVT comparator monitors SS/TRACK voltage until the first PWM
pulse, and then monitors the FB voltage.
The reason for multiplexing the UVT comparator is to support prebias loads and tracking. The PGOOD voltage
waveform is shown in Figure 34 with a 100-k
Ω pullup resistor to VDD. As described previously, VDD disappears
when UVLO/EN is pulled lower than an effective diode drop (~0.7 V). This does not represent a system-level
issue because PGOOD is already pulled low in that scenario.
GATE DRIVERS: LG and HG
The LM27403 gate driver impedances are low enough to perform effectively in high output current applications
where large die-size or paralleled MOSFETs with correspondingly large gate charge, QG, are used. Measured at
VVDD = 4.5 V, the LM27403's low-side driver has a low impedance pull-down path of 0.9 Ω to minimize the effect
of dv/dt induced turn-on, particularly with low gate-threshold voltage MOSFETs. Similarly, the high-side driver
has 1.5-
Ω and 1.0-Ω pull-up and pull-down impedances, respectively, for faster switching transition times, lower
switching loss, and greater efficiency.
Furthermore, there is a proprietary adaptive deadtime control on both switching edges to prevent shoot-through
and cross-conduction, minimize body diode conduction time, and reduce body diode reverse recovery related
losses. The LM27403 is fully compatible with discrete and Power Block NexFET™ MOSFETs from TI.
SINK AND SOURCE CAPABILITY
Even though an LM27403-based dc/dc regulator is capable of sinking and sourcing current (as it operates in
CCM), the inductor DCR-based overcurrent protection operates only with positive currents. Negative currents are
detected through the low-side MOSFET only when the device is in an overvoltage condition (refer to Zero Cross
and NEGATIVE CURRENT LIMIT sections). Note that prebias startup still operates normally (refer to PREBIAS
STARTUP section).
FAULT CONDITIONS
Overcurrent, overtemperature, output undervoltage and overvoltage protection features are included in the
LM27403.
THERMAL SHUTDOWN
The LM27403 includes an internal junction temperature monitor. If the temperature exceeds 150°C (typ), thermal
shutdown occurs. When entering thermal shutdown, the device:
1. turns off the low-side and high-side MOSFETs;
2. flushes the external soft-start capacitor;
3. initiates a soft-start sequence when the die temperature decreases by the OTP hysteresis, 20°C (typ).
This is a non-latching protection, and, as such, the device will cycle into and out of thermal shutdown if the fault
persists.
CURRENT LIMIT AND SHORT CIRCUIT OPERATION (POSITIVE OVERCURRENT)
When detecting a current-limit (CL) event, one of the following actions occur:
1. Light CL: When a current limit event is detected, the high-side on-pulse is immediately terminated (HG off,
LG on) and the system continues regulating on the next system clock event;
2. Heavy CL: If five current limit events occur in any 32 clock cycles, the pulse is terminated (HG off, LG off)
and hiccup mode is entered.
The following actions occur in hiccup mode:
1. HG off, LG off;
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM27403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com