Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 39 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6655 Datasheet HTML 35Page - Analog Devices AD6655 Datasheet HTML 36Page - Analog Devices AD6655 Datasheet HTML 37Page - Analog Devices AD6655 Datasheet HTML 38Page - Analog Devices AD6655 Datasheet HTML 39Page - Analog Devices AD6655 Datasheet HTML 40Page - Analog Devices AD6655 Datasheet HTML 41Page - Analog Devices AD6655 Datasheet HTML 42Page - Analog Devices AD6655 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
AD6655
Rev. A | Page 39 of
88
DECIMATING HALF-BAND FILTER AND FIR FILTER
The goal of the AD6655 half-band digital filter is to allow the
sample rate to be reduced by a factor of 2 while rejecting aliases
that fall into the band of interest. This filter is designed to operate
as either a low-pass or a high-pass filter and to provide >100 dB
of alias protection for 11% of the input rate of the structure.
Used in conjunction with the NCO and the FIR filter, the half-
band filter can provide an effective band-pass. For an ADC
sample rate of 150 MSPS, this provides a maximum usable
bandwidth of 33 MHz.
HALF-BAND FILTER COEFFICIENTS
The 19-tap, symmetrical, fixed-coefficient half-band filter has low
power consumption due to its polyphase implementation. Table 19
lists the coefficients of the half-band filter. The normalized
coefficients used in the implementation and the decimal
equivalent value of the coefficients are also listed. Coefficients
not listed in Table 19 are 0s.
Table 19. Fixed Coefficients for Half-Band Filter
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(20-Bit)
C0, C18
0.0008049
844
C2, C16
−0.0059023
−6189
C4, C14
0.0239182
25080
C6, C12
−0.0755024
−79170
C8, C10
0.3066864
321584
C9
0.5
524287
HALF-BAND FILTER FEATURES
In the AD6655, the half-band filter cannot be disabled. The
filter can be set for a low-pass or high-pass response. For a high-
pass filter, Bit 1 of Register 0x103 should be set; for a low-pass
response, this bit should be cleared. The low-pass response of the
filter with respect to the normalized output rate is shown in
Figure 72, and the high-pass response is shown in Figure 73.
0
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
0.2
0.3
0.4
FRACTION OF INPUT SAMPLE RATE
Figure 72. Half-Band Filter Low-Pass Response
0
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
0.2
0.3
0.4
FRACTION OF INPUT SAMPLE RATE
Figure 73. Half-Band Filter High-Pass Response
The half-band filter has a ripple of 0.000182 dB and a rejection
of 100 dB. For an alias rejection of 100 dB, the alias protected
bandwidth is 11% of the input sample rate. If both the I and the
Q paths are used, a complex bandwidth of 22% of the input rate
is available.
In the event of even Nyquist zone sampling, the half-band filter
can be configured to provide a spectral reversal. Setting Bit 2
high in Address 0x103 enables the spectral reversal feature.
The half-band decimation phase can be selected such that
the half-band filter starts on the first or second sample following
synchronization. This shifts the output from the half-band between
the two input sample clocks. The decimation phase can be set to
0 or 1, using Bit 3 of Register 0x103.
FIXED-COEFFICIENT FIR FILTER
Following the half-band filters is a 66-tap, fixed-coefficient FIR
filter. This filter is useful in providing extra alias protection for
the decimating half-band filter. It is a simple sum-of-products
FIR filter with 66 filter taps and 21-bit fixed coefficients. Note
that this filter does not decimate. The normalized coefficients
used in the implementation and the decimal equivalent value of
the coefficients are listed in Table 20.
The user can either select or bypass this filter, but the FIR filter
can be enabled only when the half-band filter is enabled. Writing
Logic 0 to the enable FIR filter bit (Bit 0) in Register 0x102
bypasses this fixed-coefficient filter. The filter is necessary when
using the final NCO with a real output; bypassing it when using
other configurations results in power savings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com