Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 60 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD6655 Datasheet HTML 56Page - Analog Devices AD6655 Datasheet HTML 57Page - Analog Devices AD6655 Datasheet HTML 58Page - Analog Devices AD6655 Datasheet HTML 59Page - Analog Devices AD6655 Datasheet HTML 60Page - Analog Devices AD6655 Datasheet HTML 61Page - Analog Devices AD6655 Datasheet HTML 62Page - Analog Devices AD6655 Datasheet HTML 63Page - Analog Devices AD6655 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
AD6655
Rev. A | Page 60 of
88
To avoid this additional DRVDD current, the AD6655 outputs
can be disabled at power-up by taking the OEB pin high. After
the part is placed into LVDS mode via the SPI port, the OEB
pin can be taken low to enable the outputs.
Exposed Paddle Thermal Heat Slug Recommendations
It is mandatory that the exposed paddle on the underside of the
ADC be connected to analog ground (AGND) to achieve the
best electrical and thermal performance. A continuous, exposed
(no solder mask) copper plane on the PCB should mate to the
AD6655 exposed paddle, Pin 0.
The copper plane should have several vias to achieve the lowest
possible resistive thermal path for heat dissipation to flow through
the bottom of the PCB. These vias should be filled or plugged with
nonconductive epoxy.
To maximize the coverage and adhesion between the ADC
and the PCB, a silkscreen should be overlaid to partition the
continuous plane on the PCB into several uniform sections.
This provides several tie points between the ADC and the PCB
during the reflow process. Using one continuous plane with no
partitions guarantees only one tie point between the ADC and
the PCB. See the evaluation board for a PCB layout example.
For detailed information about packaging and PCB layout of
chip scale packages, refer to Application Note AN-772, A Design
and Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP) (see www.analog.com).
CML
The CML pin should be decoupled to ground with a 0.1 μF
capacitor, as shown in Figure 48.
RBIAS
The AD6655 requires that a 10 kΩ resistor be placed between
the RBIAS pin and ground. This resistor sets the master current
reference of the ADC core and should have at least a 1% tolerance.
Reference Decoupling
The VREF pin should be externally decoupled to ground with
a low ESR, 1.0 μF capacitor in parallel with a low ESR, 0.1 μF
ceramic capacitor.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD6655 to keep these signals from transitioning at the converter
inputs during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com