| Electronic Components Datasheet Search |
|
AD6655 Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6655 Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 88 page ![]() AD6655 Rev. A | Page 18 of 88 ABSOLUTE MAXIMUM RATINGS Table 10. Parameter Rating ELECTRICAL AVDD, DVDD to AGND −0.3 V to +2.0 V DRVDD to DRGND −0.3 V to +3.9 V AGND to DRGND −0.3 V to +0.3 V VIN+A/VIN+B, VIN-A/VIN−B to AGND −0.3 V to AVDD + 0.2 V CLK+, CLK− to AGND −0.3 V to +3.9 V SYNC to AGND −0.3 V to +3.9 V VREF to AGND −0.3 V to AVDD + 0.2 V SENSE to AGND −0.3 V to AVDD + 0.2 V CML to AGND −0.3 V to AVDD + 0.2 V RBIAS to AGND −0.3 V to AVDD + 0.2 V CSB to AGND −0.3 V to +3.9 V SCLK/DFS to DRGND −0.3 V to +3.9 V SDIO/DCS to DRGND −0.3 V to DRVDD + 0.3 V SMI SDO/OEB to DRGND −0.3 V to DRVDD + 0.3 V SMI SCLK/PDWN to DRGND −0.3 V to DRVDD + 0.3 V SMI SDFS to DRGND −0.3 V to DRVDD + 0.3 V D0A/D0B through D13A/D13B to DRGND −0.3 V to DRVDD + 0.3 V FD0A/FD0B through FD3A/FD3B to DRGND −0.3 V to DRVDD + 0.3 V DCOA/DCOB to DRGND −0.3 V to DRVDD + 0.3 V ENVIRONMENTAL Operating Temperature Range (Ambient) −40°C to +85°C Maximum Junction Temperature Under Bias 150°C Storage Temperature Range (Ambient) −65°C to +125°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL CHARACTERISTICS The exposed paddle must be soldered to the ground plane for the LFCSP package. Soldering the exposed paddle to the customer board increases the reliability of the solder joints, maximizing the thermal capability of the package. Table 11. Thermal Resistance Package Type Airflow Velocity (m/s) θJA1,2 θJC1,3 θJB1,4 Unit 64-Lead LFCSP 9 mm × 9 mm (CP-64-3) 0 18.8 0.6 6.0 °C/W 1.0 16.5 °C/W 2.0 15.8 °C/W 1 Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board. 2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air). 3 Per MIL-Std 883, Method 1012.1. 4 Per JEDEC JESD51-8 (still air). Typical θJA is specified for a 4-layer PCB with solid ground plane. As shown, airflow increases heat dissipation, which reduces θJA. In addition, metal in direct contact with the package leads from metal traces, through holes, ground, and power planes, reduces the θJA. ESD CAUTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |