Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 34 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6655 Datasheet HTML 30Page - Analog Devices AD6655 Datasheet HTML 31Page - Analog Devices AD6655 Datasheet HTML 32Page - Analog Devices AD6655 Datasheet HTML 33Page - Analog Devices AD6655 Datasheet HTML 34Page - Analog Devices AD6655 Datasheet HTML 35Page - Analog Devices AD6655 Datasheet HTML 36Page - Analog Devices AD6655 Datasheet HTML 37Page - Analog Devices AD6655 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
AD6655
Rev. A | Page 34 of
88
75
70
65
60
55
50
45
1
10
100
1000
INPUT FREQUENCY (MHz)
3.00ps
0.05ps
0.20ps
0.50ps
1.00ps
1.50ps
2.00ps
2.50ps
MEASURED
Figure 63. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD6655.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources. If the clock is generated from another type
of source (by gating, dividing, or another method), it should be
retimed by the original clock at the last step.
Refer to Application Note AN501 and Application Note AN756 for
more information about jitter performance as it relates to ADCs
(see www.analog.com).
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 64 through Figure 67, the power dissipated
by the AD6655 is proportional to its sample rate. In CMOS
output mode, the digital power dissipation is determined
primarily by the strength of the digital drivers and the load on
each output bit. The maximum DRVDD current (IDRVDD) can be
calculated by
IDRVDD = VDRVDD × CLOAD × fCLK × N
where N is the number of output bits (30, in the case of the
AD6655, assuming the FD bits are inactive).
This maximum current occurs when every output bit switches
on every clock cycle, that is, a full-scale square wave at the
Nyquist frequency of fCLK/2. In practice, the DRVDD current
is established by the average number of output bits switching,
which is determined by the sample rate and the characteristics
of the analog input signal. Reducing the capacitive load presented
to the output drivers can minimize digital power consumption.
The data in Figure 64 through Figure 67 was taken using the same
operating conditions as those used for the Typical Performance
Characteristics, with a 5 pF load on each output driver.
1.50
1.25
1.00
0.75
0.50
0.25
0
0.6
IAVDD
IDVDD
IDRVDD
0.5
0.4
0.3
0.2
0.1
0
0
50
100
150
25
75
125
SAMPLE RATE (MSPS)
TOTAL POWER
Figure 64. AD6655-150 Power and Current vs. Sample Rate
1.50
1.25
1.00
0.75
0.50
0.25
0
0.6
0.5
IAVDD
IDVDD
IDRVDD
0.4
0.3
0.2
0.1
0
075
25
50
125
100
SAMPLE RATE (MSPS)
TOTAL POWER
Figure 65. AD6655-125 Power and Current vs. Sample Rate
1.25
1.00
0.75
0.50
0.25
0
0.5
0.4
IAVDD
IDVDD
IDRVDD
0.3
0.2
0.1
0
075
25
50
100
SAMPLE RATE (MSPS)
TOTAL POWER
Figure 66. AD6655-105 Power and Current vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com