| Electronic Components Datasheet Search |
|
AD6655 Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6655 Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 88 page ![]() AD6655 Rev. A | Page 32 of 88 2.0 If the internal reference of the AD6655 is used to drive multiple converters to improve gain matching, the loading of the reference by the other converters must be considered. Figure 54 depicts how the internal reference voltage is affected by loading. 0 –1.25 0 LOAD CURRENT (mA) –0.25 –0.50 –0.75 –1.00 0.5 1.0 1.5 VREF = 0.5V VREF = 1.0V Figure 54. VREF Accuracy vs. Load External Reference Operation The use of an external reference may be necessary to enhance the gain accuracy of the ADC or improve thermal drift charac- teristics. Figure 55 shows the typical drift characteristics of the internal reference in both 1.0 V and 0.5 V modes. 2.5 –2.5 –40 TEMPERATURE (°C) 2.0 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 –2.0 –20 0 204060 80 Figure 55. Typical VREF Drift When the SENSE pin is tied to AVDD, the internal reference is disabled, allowing the use of an external reference. An internal reference buffer loads the external reference with an equivalent 6 kΩ load (see Figure 18). The internal buffer generates the positive and negative full-scale references for the ADC core. Therefore, the external reference must be limited to a maximum of 1.0 V. CLOCK INPUT CONSIDERATIONS For optimum performance, the AD6655 sample clock inputs, CLK+ and CLK−, should be clocked with a differential signal. The signal is typically ac-coupled into the CLK+ and CLK− pins via a transformer or capacitors. These pins are biased internally (see Figure 56) and require no external bias. 1.2V AVDD 2pF 2pF CLK– CLK+ Figure 56. Equivalent Clock Input Circuit Clock Input Options The AD6655 has a very flexible clock input structure. Clock input can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless of the type of signal being used, clock source jitter is of the most concern, as described in the Jitter Considerations section. Figure 57 and Figure 58 show two preferred methods for clocking the AD6655 (at clock rates to up to 625 MHz). A low jitter clock source is converted from a single-ended signal to a differential signal using an RF transformer. The back-to-back Schottky diodes across the transformer secondary limit clock excursions into the AD6655 to approximately 0.8 V p-p differential. This helps prevent the large voltage swings of the clock from feeding through to other portions of the AD6655, while preserving the fast rise and fall times of the signal, which are critical to a low jitter performance. 0.1µF 0.1µF 0.1µF 0.1µF SCHOTTKY DIODES: HSMS2822 CLOCK INPUT 50 Ω 100 Ω CLK– CLK+ ADC AD6655 Mini-Circuits® ADT1–1WT, 1:1Z XFMR Figure 57. Transformer Coupled Differential Clock (Up to 200 MHz) 0.1µF 0.1µF 1nF CLOCK INPUT 1nF 50 Ω CLK– CLK+ ADC AD6655 SCHOTTKY DIODES: HSMS2822 Figure 58. Balun-Coupled Differential Clock (Up to 625 MHz) If a low jitter clock source is not available, another option is to ac couple a differential PECL signal to the sample clock input pins as shown in Figure 59. The AD9510/AD9511/AD9512/ AD9513/AD9514/AD9515/AD9516 clock drivers offer excellent jitter performance. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |