Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 14 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6655 Datasheet HTML 10Page - Analog Devices AD6655 Datasheet HTML 11Page - Analog Devices AD6655 Datasheet HTML 12Page - Analog Devices AD6655 Datasheet HTML 13Page - Analog Devices AD6655 Datasheet HTML 14Page - Analog Devices AD6655 Datasheet HTML 15Page - Analog Devices AD6655 Datasheet HTML 16Page - Analog Devices AD6655 Datasheet HTML 17Page - Analog Devices AD6655 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
AD6655
Rev. A | Page 14 of
88
SWITCHING SPECIFICATIONS—AD6655BCPZ-125/AD6655BCPZ-150
Table 8.
Parameter
Temp
AD6655BCPZ-125
AD6655BCPZ-150
Unit
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
MHz
Conversion Rate1
DCS Enabled
Full
20
125
20
150
MSPS
DCS Disabled
Full
10
125
10
150
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
8
6.66
ns
CLK Pulse Width High (tCLKH)
Divide-by-1 Mode, DCS Enabled
Full
2.4
4
5.6
2.0
3.33
4.66
ns
Divide-by-1 Mode, DCS Disabled
Full
3.6
4
4.4
3.0
3.33
3.66
ns
Divide-by-2 Mode, DCS Enabled
Full
1.6
1.6
ns
Divide-by-3 Through Divide-by-8 Modes, DCS Enabled
Full
0.8
0.8
ns
DATA OUTPUT PARAMETERS (DATA, FD)
CMOS Noninterleaved Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)2
Full
1.6
3.9
6.2
1.6
3.9
6.2
ns
DCO Propagation Delay (tDCO)
Full
4.0
5.4
7.3
4.0
5.4
7.3
ns
Setup Time (tS)
Full
9.5
8.16
ns
Hold Time (tH)
Full
6.5
5.16
ns
CMOS Noninterleaved Mode—DRVDD = 3.3 V
Data Propagation Delay (tPD)2
Full
1.9
4.1
6.4
1.9
4.1
6.4
ns
DCO Propagation Delay (tDCO)
Full
4.4
5.8
7.7
4.4
5.8
7.7
ns
Setup Time (tS)
Full
9.7
8.36
ns
Hold Time (tH)
Full
6.3
4.96
ns
CMOS Interleaved and IQ Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)2
Full
1.6
3.9
6.2
1.6
3.9
6.2
ns
DCO Propagation Delay (tDCO)
Full
3.4
4.8
6.7
3.4
4.8
6.7
ns
Setup Time (tS)
Full
4.9
4.23
ns
Hold Time (tH)
Full
3.1
2.43
ns
CMOS Interleaved and IQ Mode—DRVDD = 3.3 V
Data Propagation Delay (tPD)2
Full
1.9
4.1
6.4
1.9
4.1
6.4
ns
DCO Propagation Delay (tDCO)
Full
3.8
5.2
7.1
3.8
5.2
7.1
ns
Setup Time (tS)
Full
5.1
4.43
ns
Hold Time (tH)
Full
2.9
2.23
ns
LVDS Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)2
Full
2.5
4.8
7.0
2.5
4.8
7.0
ns
DCO Propagation Delay (tDCO)
Full
3.7
5.3
7.3
3.7
5.3
7.3
ns
Pipeline Delay (Latency) NCO, FIR, fS/8 Mix Disabled
Full
38
38
Cycles
Pipeline Delay (Latency) NCO Enabled; FIR and fS/8 Mix Disabled
(Complex Output Mode)
Full
38
38
Cycles
Pipeline Delay (Latency) NCO, FIR, and fS/8 Mix Enabled
Full
109
109
Cycles
Aperture Delay (tA)
Full
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
ps rms
Wake-Up Time3
Full
350
350
us
OUT-OF-RANGE RECOVERY TIME
Full
3
3
Cycles
1 Conversion rate is the clock rate after the divider.
2 Output propagation delay is measured from CLK 50% transition to DATA 50% transition, with a 5 pF load.
3 Wake-up time is dependent on the value of the decoupling capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com