Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 41 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6655 Datasheet HTML 37Page - Analog Devices AD6655 Datasheet HTML 38Page - Analog Devices AD6655 Datasheet HTML 39Page - Analog Devices AD6655 Datasheet HTML 40Page - Analog Devices AD6655 Datasheet HTML 41Page - Analog Devices AD6655 Datasheet HTML 42Page - Analog Devices AD6655 Datasheet HTML 43Page - Analog Devices AD6655 Datasheet HTML 44Page - Analog Devices AD6655 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
AD6655
Rev. A | Page 41 of
88
ADC OVERRANGE AND GAIN CONTROL
In receiver applications, it is desirable to have a mechanism
to reliably determine when the converter is about to be clipped.
The standard overflow indicator provides after-the-fact infor-
mation on the state of the analog input that is of limited usefulness.
Therefore, it is helpful to have a programmable threshold below
full scale that allows time to reduce the gain before the clip actually
occurs. In addition, because input signals can have significant
slew rates, latency of this function is of major concern. Highly
pipelined converters can have significant latency. A good compro-
mise is to use the output bits from the first stage of the ADC for
this function. Latency for these output bits is very low, and overall
resolution is not highly significant. Peak input signals are typically
between full scale and 6 dB to 10 dB below full scale. A 3-bit or
4-bit output provides adequate range and resolution for this
function.
Using the SPI port, the user can provide a threshold above which
an overrange output is active. As long as the signal is below that
threshold, the output should remain low. The fast detect outputs
can also be programmed via the SPI port so that one of the pins
functions as a traditional overrange pin for customers who
currently use this feature. In this mode, all 14 bits of the converter
are examined in the traditional manner, and the output is high
for the condition normally defined as overflow. In either mode,
the magnitude of the data is considered in the calculation of the
condition (but the sign of the data is not considered). The threshold
detection responds identically to positive and negative signals
outside the desired range (magnitude).
FAST DETECT OVERVIEW
The AD6655 contains circuitry to facilitate fast overrange
detection, allowing very flexible external gain control imple-
mentations. Each ADC has four fast detect (FD) output pins
that are used to output information about the current state of
the ADC input level. The function of these pins is programmable
via the fast detect mode select bits and the fast detect enable bit
in Register 0x104, allowing range information to be output from
several points in the internal data path. These output pins can
also be set up to indicate the presence of overrange or underrange
conditions, according to programmable threshold levels. Table 21
shows the six configurations available for the fast detect pins.
Table 21. Fast Detect Mode Select Bits Settings
Fast Detect
Mode Select bits
(Register 0x104[3:1])
Information Presented on
Fast Detect (FD) Pins of Each ADC1,2
FD[3]
FD[2]
FD[1]
FD[0]
000
ADC fast magnitude (see Table 22)
001
ADC fast magnitude
(see Table 23)
OR
010
ADC fast
magnitude
(see Table 24)
OR
F_LT
011
ADC fast
magnitude
(see Table 24)
C_UT
F_LT
100
OR
C_UT
F_UT
F_LT
101
OR
F_UT
IG
DG
1 The fast detect pins are FD0A/FD0B to FD3A/FD3B for the CMOS mode
configuration and FD0+/FD0− to FD3+/FD3− for the LVDS mode
configuration.
2 See the ADC Overrange (OR) and Gain Switching sections for more
information about OR, C_UT, F_UT, F_LT, IG, and DG.
ADC FAST MAGNITUDE
When the fast detect output pins are configured to output the
ADC fast magnitude (that is, when the fast detect mode select
bits are set to 0b000), the information presented is the ADC
level from an early converter stage with a latency of only two
clock cycles in CMOS output modes. In LVDS output mode,
the fast detect bits have a latency of six cycles in all fast detect
modes. Using the fast detect output pins in this configuration
provides the earliest possible level indication information. Because
this information is provided early in the datapath, there is signifi-
cant uncertainty in the level indicated. The nominal levels, along
with the uncertainty indicated by the ADC fast magnitude, are
shown in Table 22. Because the DCO is at one-half the sample
rate, the user can obtain all the fast detect information by sampling
the fast detect outputs on both the rising and falling edge of
DCO (see Figure 2 for timing information).
Table 22. ADC Fast Magnitude Nomimal Levels
with Fast Detect Mode Select Bits = 000
ADC Fast
Magitude on
FD[3:0] Pins
Nominal Input
Magnitude
Below FS (dB)
Nominal Input
Magnitude
Uncertainty (dB)
0000
<−24
Minimum to −18.07
0001
−24 to −14.5
−30.14 to −12.04
0010
−14.5 to −10
−18.07 to −8.52
0011
−10 to −7
−12.04 to −6.02
0100
−7 to −5
−8.52 to −4.08
0101
−5 to −3.25
−6.02 to −2.5
0110
−3.25 to −1.8
−4.08 to −1.16
0111
−1.8 to −0.56
−2.5 to FS
1000
−0.56 to 0
−1.16 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com