Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6655 Datasheet HTML 40Page - Analog Devices AD6655 Datasheet HTML 41Page - Analog Devices AD6655 Datasheet HTML 42Page - Analog Devices AD6655 Datasheet HTML 43Page - Analog Devices AD6655 Datasheet HTML 44Page - Analog Devices AD6655 Datasheet HTML 45Page - Analog Devices AD6655 Datasheet HTML 46Page - Analog Devices AD6655 Datasheet HTML 47Page - Analog Devices AD6655 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
AD6655
Rev. A | Page 44 of
88
SIGNAL MONITOR
The signal monitor block provides additional information
about the signal being digitized by the ADC. The signal monitor
computes the rms input magnitude, the peak magnitude, and/or
the number of samples by which the magnitude exceeds a
particular threshold. Together, these functions can be used to
gain insight into the signal characteristics and to estimate the
peak/average ratio or even the shape of the complementary
cumulative distribution function (CCDF) curve of the input
signal. This information can be used to drive an AGC loop to
optimize the range of the ADC in the presence of real-world
signals.
The signal monitor result values can be obtained from the part by
reading back internal registers at Address 0x116 to Address 0x11B,
using the SPI port or the signal monitor SPORT output. The output
contents of the SPI-accessible signal monitor registers are set via
the two signal monitor mode bits of the signal monitor control
register (Address 0x112). Both ADC channels must be configured
for the same signal monitor mode. Separate SPI-accessible, 20-bit
signal monitor result (SMR) registers are provided for each ADC
channel. Any combination of the signal monitor functions can
also be output to the user via the serial SPORT interface. These
outputs are enabled using the peak detector output enable, the
rms magnitude output enable, and the threshold crossing output
enable bits in the signal monitor SPORT control register
(Address 0x1111).
For each signal monitor measurement, a programmable signal
monitor period register (SMPR) controls the duration of the
measurement. This time period is programmed as the number
of input clock cycles in a 24-bit signal monitor period register
located at Address 0x113, Address 0x114, and Address 0x115.
This register can be programmed with a period from 128 samples
to 16.78 (224) million samples.
Because the dc offset of the ADC can be significantly larger
than the signal of interest (affecting the results from the signal
monitor), a dc correction circuit is included as part of the signal
monitor block to null the dc offset before measuring the power.
PEAK DETECTOR MODE
The magnitude of the input port signal is monitored over a
programmable time period (determined by SMPR) to give the
peak value detected. This function is enabled by programming a
Logic 1 in the signal monitor mode bits of the signal monitor
control register or by setting the peak detector output enable bit
in the signal monitor SPORT control register. The 24-bit SMPR
must be programmed before activating this mode.
After enabling this mode, the value in the SMPR is loaded into a
monitor period timer, and the countdown is started. The
magnitude of the input signal is compared with the value in the
internal peak level holding register (not accessible to the user),
and the greater of the two is updated as the current peak level.
The initial value of the peak level holding register is set to the
current ADC input signal magnitude. This comparison continues
until the monitor period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the 13-bit
peak level value is transferred to the signal monitor holding
register (not accessible to the user), which can be read through
the SPI port or output through the SPORT serial interface. The
monitor period timer is reloaded with the value in the SMPR,
and the countdown is restarted. In addition, the magnitude of
the first input sample is updated in the peak level holding
register, and the comparison and update procedure, as
explained previously, continues.
Figure 76 is a block diagram of the peak detector logic. The
SMR register contains the absolute magnitude of the peak
detected by the peak detector logic.
POWER MONITOR
HOLDING
REGISTER
MAGNITUDE
STORAGE
REGISTER
COMPARE
A>B
TO
MEMORY
MAP
FROM
MEMORY
MAP
FROM
INPUT
PORTS
LOAD
CLEAR
LOAD
LOAD
TO
INTERRUPT
CONTROLLER
IS COUNT = 1?
DOWN
COUNTER
POWER MONITOR
PERIOD REGISTER
Figure 76. ADC Input Peak Detector Block Diagram
RMS/MS MAGNITUDE MODE
In this mode, the root-mean-square (rms) or mean-square (ms)
magnitude of the input port signal is integrated (by adding an
accumulator) over a programmable time period (determined by
SMPR) to give the rms or ms magnitude of the input signal.
This mode is set by programming Logic 0 in the signal monitor
mode bits of the signal monitor control register or by setting the
rms magnitude output enable bit in the signal monitor SPORT
control register. The 24-bit SMPR, representing the period over
which integration is performed, must be programmed before
activating this mode.
After enabling the rms/ms magnitude mode, the value in the
SMPR is loaded into a monitor period timer, and the
countdown is started immediately. Each input sample is
converted to floating-point format and squared. It is then
converted to 11-bit, fixed-point format and added to the
contents of the 24-bit accumulator. The integration continues
until the monitor period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the square
root of the value in the accumulator is taken and transferred
(after some formatting) to the signal monitor holding register,
which can be read through the SPI port or output through the
SPORT serial port. The monitor period timer is reloaded with
the value in the SMPR, and the countdown is restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com